Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUD-R-0004T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADUD-R-0004T
Description  SAW DUPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADUD-R-0004T Datasheet(HTML) 1 Page - Abracon Corporation

  ADUD-R-0004T Datasheet HTML 1Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 2Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 3Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 4Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 5Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 6Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 7Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 8Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
SAW DUPLEXER
ADUD-R-0004
1.8 x 1.4 x 0.5 mm
RoHS Compliant
Request Samples
Check Inventory
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 05-20-24
For terms and conditions of sales, please visit:
www.abracon.com
Product Image
 LTCC duplexer supporting 777~787 / 746~756 MHz
 Small Form Factor 1.8 x 1.4 x 0.5 mm
 Low Insertion Loss
 VSWR as 1.6
 RoHS Compliant
 Wireless Infrastructure
 Military and Aerospace Applications
 Test Instrumentation
 Radar Systems
 5G Wireless Communications
 Microwave Radio Systems
 TR Modules
 Research and Development
 Cellular Base Stations
Applications
Features


Similar Part No. - ADUD-R-0004T

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
Chameleon ADU
logo
Redapt
ADU100429 REDAPT-ADU100429 Datasheet
163Kb / 4P
Dual Certified Adaptors & Reducers IP66 68 & 4X 6P
ADU102904 REDAPT-ADU102904 Datasheet
163Kb / 4P
Dual Certified Adaptors & Reducers IP66 68 & 4X 6P
ADU108304 REDAPT-ADU108304 Datasheet
162Kb / 4P
Dual Certified Adaptors & Reducers IP66 68 & 4X 6P
logo
List of Unclassifed Man...
ADU2 ETC-ADU2 Datasheet
2Mb / 162P
Operation and Reference Manual
More results

Similar Description - ADUD-R-0004T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39152B8582P810 TDK-B39152B8582P810 Datasheet
269Kb / 17P
SAW Duplexer
B39182B8529P810 TDK-B39182B8529P810 Datasheet
380Kb / 14P
SAW Duplexer
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
SAW DUPLEXER
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com