Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUD-R-0004T Datasheet(PDF) 2 Page - Abracon Corporation

Part # ADUD-R-0004T
Description  SAW DUPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADUD-R-0004T Datasheet(HTML) 2 Page - Abracon Corporation

  ADUD-R-0004T Datasheet HTML 1Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 2Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 3Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 4Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 5Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 6Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 7Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 8Page - Abracon Corporation ADUD-R-0004T Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
SAW DUPLEXER
ADUD-R-0004
1.8 x 1.4 x 0.5 mm
RoHS Compliant
Request Samples
Check Inventory
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 05-20-24
For terms and conditions of sales, please visit:
www.abracon.com
Tx to Ant
Specifications
Parameters Description
Condition [MHz]
Unit
Minimum
Typical
Maximum
Insertion Loss
777⁓787
dB
-
1.9
2.5
Ripple Deviation
777⁓787
dB
-
0.8
1.6
VSWR of Tx Port
777⁓787
-
-
1.6
2.0
VSWR of Ant. Port
777⁓787
-
-
1.6
2.0
Absolute Attenuation
746⁓756
dB
44
51
-
758⁓768
dB
10
32
-
1554⁓1565
dB
41
46
-
1565⁓1607
dB
41
46
-
2331⁓2361
dB
35
53
-
2400⁓2484
dB
40
50
-
3108⁓3148
dB
23
28
-
3108⁓3148
dB
23
28
-
4900⁓5950
dB
8
12
-
Ant to Rx
Specifications
Parameters Description
Condition [MHz]
Unit
Minimum
Typical
Maximum
Insertion Loss
746⁓756
dB
-
1.6
2.3
Ripple Deviation
746⁓756
dB
-
0.4
1.0
VSWR of Rx Port
746⁓756
-
-
1.4
2.0
VSWR of Ant. Port
746⁓756
-
-
1.4
2.0
Absolute Attenuation
777⁓787
dB
50
62
-
2400⁓2500
dB
40
45
-
787⁓6000
dB
23
28
-
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com