Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-48ZC2 Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # 720XP-48ZC2
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-48ZC2 Datasheet(HTML) 4 Page - Arista Networks, Inc

  720XP-48ZC2 Datasheet HTML 1Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 2Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 3Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 4Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 5Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 6Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 7Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 8Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Power Supply Models (1G Platforms)
720XP-48Y6
720XP-24Y6
Power Supplies Supported
650 W (F-R and R-F)
1050 W
500 W (DC)
700 W (DC)
650 W (F-R and R-F)
1050 W
500 W (DC)
700 W (DC)
Default Power Supply(ies)
1050 W
650 W
System Power (Typ/Max)
68 W / 93 W
67 W / 90 W
1
Default Available PoE Power
982 W / 957 W
583 W / 560 W
1
Dual 650W AC PS
1135 W / 1110 W
1136 W / 1113 W
1
Dual 1050W AC PS
1875 W / 1850 W
1876 W / 1853 W
1
Dual 500W DC PS
882 W / 857 W
883 W / 860 W
1
Dual 700W DC PS
1227 W / 1202 W
1228 W / 1205 W
Power supplies and Fans
Campus CCS-720XP series switches support N+1 redundant power supplies. The 720XP 24/48 port switches ship with one or two
power supply by default, and the second power supply can be purchased when the switch is ordered or at a later time. If only one
power supply is installed, it should always be in power supply bay #1. The switches also ship with three field-replaceable fans. The
CCS-720XP 96 port switch ship with two or four power supplies by default, and the third and forth power supply can be purchased
when the switch is ordered or at a later time.
Power Supply Specifications
Power Supply
PWR-521-DC-RED
PWR-721-DC-RED
PWR-621-AC-
RED/BLUE
PWR-1021-AC-RED
PWR-2021-AC-RED
Output Power
500 W
700 W
650 W
1050 W
2000 W
Input Voltage
-48 to -60V DC
-48 to -60V DC
100-240 AC
100-240 AC
100-127 AC
200-220 AC
220-240 AC
Input Current
13.3 A
25 A
8 - 3.5 A
12 - 5 A
12 A
11 A
10 A
Input Frequency
N/A
N/A
50-60 Hz
50-60 Hz
50-60 Hz
Input Connector
AWG #16 #14
AWG #12 #10
IEC-320-C16
IEC-320-C16
IEC-320-C16
Efficiency
88%
90%
80+ Gold
80+ Platinum
80+ Platinum
720XP Campus PoE | Technical Specifications
1 Net of system power (Typical/Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com