Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-48ZC2 Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # 720XP-48ZC2
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-48ZC2 Datasheet(HTML) 5 Page - Arista Networks, Inc

  720XP-48ZC2 Datasheet HTML 1Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 2Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 3Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 4Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 5Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 6Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 7Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 8Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Power Supply Models (mGig
Platforms)
720XP-96ZC2
720XP-48ZC2
720XP-24ZY4
720XP-48TXH-2C-S
Power Supplies Supported
1050 W
2000 W
500 W (DC)
650 W
1050 W
2000 W
500W (DC)
650 W
1050 W
500 W (DC)
1050 W
2000 W
500 W (DC)
Default Power Supply(ies)
2 x 1050 W
1050 W
650 W
1050 W
System Power (Typ/Max)
216 W / 236 W
141 W / 156W
141 W / 156W
168 W / 199 W
1
Default Available PoE Power
1727 W / 1707 W
909 W / 894 W
509 W / 494 W
882 W / 851 W
1
Dual 650W AC PS
—
1062 W / 1047 W
1062 W / 1047 W
—
1
Dual 1050W AC PS
1727 W / 1707 W
1802 W / 1787 W
1802 W / 1787 W
1775 W / 1744 W
1
Dual 500W DC PS
734 W / 714 W
809 W / 794 W
809 W / 794 W
782 W / 751 W
1
Dual 2000 W AC PS
3584 W / 3564 W
3659 W / 3644 W
—
3632 W / 3601 W
1
Four 1050W AC PS
3512 W / 3492 W
—
—
—
1
Four 2000 W AC PS
7184 W / 7164 W
—
—
—
720XP Campus PoE | Technical Specifications
1 Net of system power (Typical/Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com