Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DS232BL Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 10 of 25
FT232BL USB UART ( USB - Serial) I.C.
5.0 Package Outline
Figure 3 – 32 LD Lead Free LQFP Package Dimensions
The FT232BL is supplied in a 32 pin lead free LQFP package. This package has a 7mm x 7mm body ( 9mm x 9mm
including leads ) with leads on a 0.8mm pitch. The above drawing shows the LQFP-32 package – all dimensions are
in millimetres. Note that there are two date code formats used - XXYY = Date Code where XX = 2 digit year number,
YY = 2 digit week number; or XYY-1 where X = 1 digit year. number, YY = 2 digit week number.
The FT232BL is fully compliant with the European Union RoHS directive.
An alternative 5mm x 5mm leadless QFN32 package is also available for projects where package area is critical. Part
numeber for this version is FT232BQ. The FT232BQ is also a lead free package. See their seperate datasheets for
package dimensions.
Pin # 1
0.25
1
2
o +/- 1o
0.2 Min
0.6 +/- 0.15
1
0.05 Min
0.15 Max
0.37 +/- 0.07
0.35 +/- 0.05
0.09 Min
0.2 Max
0.09 Min
0.16 Max
7
9
7 9
3
2
0.8
FT232BL
FTDI
XXYY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com