Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N11REF Datasheet(PDF) 1 Page - Belden Inc.

Part # N11REF
Description  N11R, M26 x 1.5 thread, Field Attachable, Female, Straight, Grey housing, 60 V, 5 A, PG 11 w/ strain releif and clamping cage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

N11REF Datasheet(HTML) 1 Page - Belden Inc.

  N11REF Datasheet HTML 1Page - Belden Inc. N11REF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: N11R EF
N11R, M26 x 1.5 thread, Field Attachable, Female, Straight, Grey housing, 60
V, 5 A, PG 11 w/ strain releif and clamping cage
Product Description
NR Circular Connector, M26 x 1.5 thread, Field Attachable, Female, Straight, 11+PE pins, Grey housing, 60 V, 5 A, PG 11 w/ strain releif and clamping cage
Technical Drawing
Technical Specifications
General Information
Note:
Do not connect or disconnect under load.
Product description
Description:
Cable socket straight
Housing Color:
black
Number of Pins:
11+PE


Similar Part No. - N11REF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
N11RAM2M20 BELDEN-N11RAM2M20 Datasheet
794Kb / 2P
N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey housing, 60 V, 5 A, w/ M20x1.5 panel thread, monoblock design
03-13-2024
N11RAMVE10 BELDEN-N11RAMVE10 Datasheet
683Kb / 2P
N11R, M26 x 1.5 thread, Receptacle, Male, Front Mount, Grey/Metal housing, 60 V, 5 A, w/ PG 13.5 panel thread
03-13-2024
N11RBMFAF BELDEN-N11RBMFAF Datasheet
667Kb / 2P
N11R, M26 x 1.5 thread, Field Attachable, Male, Surface Mount, Metal housing, AC 25 V / DC 50 V, 5 A
06-29-2023
N11RFF BELDEN-N11RFF Datasheet
680Kb / 2P
N11R, M26 x 1.5 thread, Field Attachable, Female, Angled, Grey housing, 60 V, 5 A, PG 11 w/ strain releif and clamping cage
10-27-2022
More results

Similar Description - N11REF

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
X14131 RICHCO-X14131 Datasheet
48Kb / 1P
STRAIN RELEIF GLAND ASSEMBLY
logo
SHIELD s.r.l.
RDJF00410070 SHIELD-RDJF00410070 Datasheet
199Kb / 2P
M12, coding A, field attachable, straight
logo
Alpha Wire
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
M12-A Female 4 Pin Field Attachable
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
M12-A Female 4 Pin Field Attachable
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
M12-A Female 5 Pin Field Attachable
205 ALPHAWIRE-205 Datasheet
216Kb / 2P
M12-A Female 90 Degree 5 Pin Field Attachable
logo
Molex Electronics Ltd.
1200710081 MOLEX-1200710081 Datasheet
24Kb / 1P
Micro-Change (M12) Field Attachable Connector, 5 Poles, Straight, Female
logo
HARTING Technology Grou...
09-00-000-5164 HARTING-09-00-000-5164 Datasheet
450Kb / 2P
Plastic Normal Cable Seal PG 11 grey
2021-10-05
logo
Pepperl+Fuchs Inc.
V1D-G-ABG-PG9 PF-V1D-G-ABG-PG9 Datasheet
583Kb / 2P
Female connector, field-attachable
2023-02-20
V1-G-Q3 PF-V1-G-Q3 Datasheet
150Kb / 1P
Female cordset, field attachable
2018-03-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com