Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N11REF Datasheet(PDF) 2 Page - Belden Inc.

Part # N11REF
Description  N11R, M26 x 1.5 thread, Field Attachable, Female, Straight, Grey housing, 60 V, 5 A, PG 11 w/ strain releif and clamping cage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

N11REF Datasheet(HTML) 2 Page - Belden Inc.

  N11REF Datasheet HTML 1Page - Belden Inc. N11REF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design Standard:
DIN EN 175201-804
Strain-Relief:
clamping cage
Technical data
Clearance / Creepage Distance:
DIN EN 60664-1 (2008/01); VDE 0110-1
Contact Bearer Material:
PBT GF, grey
Contact material:
to order separate, see accessories
Contact Resistance:
≤ 10 mOhm
Mating Cycles:
max. 50
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Rated Current*:
5 A
Rated Impulse Voltage:
1,5 kV
Rated Voltage:
50 V AC / 60 V DC
Suitable Cables:
Ø8 mm to Ø10 mm
Type of Connection:
crimp
Type of Contact / Gender:
female
Product Materials
Gasket Material:
SBR/NBR, cable gland
Housing Material:
PBT GF, grey
Environmental conditions
Protection Degree / IP Rating (IEC 60529): IP65
Accessories
Accessories to Order Separately:
733-385-001: RBCB 162/1 Ag, crimp contact (on coil), 733-383-021: RBC 162/1 Ag, crimp contact (single)
Mating Connectors / Fitting to:
N11R AM…, appliance plug
Additional technical data
Fastening Torque (Cable Gland):
PG 11: (250-375) Ncm
Fastening torque (housing):
M22x0,75: (80-100) Ncm
Fastening torque (mounting screw):
M26x1,5: (100-150) Ncm
Other Standards
Variants
Item #
Item Description
932630106 N11R EF
Update and Revision:
Revision Number: 0.37 Revision Date: 10-27-2022
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com