Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS232B Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 13 of 25
FT232BM USB UART ( USB - Serial) I.C.
7.0 Device Configuration Examples
7.1 Oscillator Configurations
Figure 4
3-Pin Ceramic Resonator
Configuration
Figure 5
Crystal or 2-Pin Ceramic Resonator
Configuration
XTIN
XTOUT
27
28
FT223BM
3-Pin Resonator
6MHz
1M
XTIN
XTOUT
27
28
FT232BM
2 - Pin Resonator
or Crystal
6MHz
27pF
27pF
Figure 4 illustrates how to use the FT232BM with a 3-Pin Ceramic Resonator. A suitable part would be a ceramic
resonator from Murata’s CERALOCK range. (Murata Part Number CSTCR6M00G15), or equivalent. 3-Pin ceramic
resonators have the load capacitors built into the resonator so no external loading capacitors are required. This
makes for an economical configuration. The accuracy of this Murata ceramic resonator is +/- 0.1% and it is specifically
designed for USB full speed applications. A 1 MegaOhm loading resistor across XTIN and XTOUT is recommended in
order to guarantee this level of accuracy.
Other ceramic resonators with a lesser degree of accuracy (typically +/- 0.5%) are technically out-with the USB
specification, but it has been calculated that using such a device will work satisfactorily in practice with a FT232BM
design.
Figure 5 illustrates how to use the FT232BM with a 6MHz Crystal or 2-Pin Ceramic Resonator. In this case, these
devices do not have in-built loading capacitors so these have to be added between XTIN, XTOUT and GND as
shown. A value of 27pF is shown as the capacitor in the example – this will be good for many crystals and some
resonators but do select the value based on the manufacturers recommendations wherever possible. If using a crystal,
use a parallel cut type. If using a resonator, see the previous note on frequency accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com