Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS232B Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 7 of 25
FT232BM USB UART ( USB - Serial) I.C.
EEPROM Interface
Though the FT232BM will work without the optional
EEPROM, an external 93C46 (93C56 or 93C66)
EEPROM can be used to customise the USB VID,
PID, Serial Number, Product Description Strings
and Power Descriptor value of the FT232BM for
OEM applications. Other parameters controlled
by the EEPROM include Remote Wake Up,
Isochronous Transfer Mode, Soft Pull Down on
Power-Off and USB 2.0 descriptor modes.
The EEPROM should be a 16 bit wide
configuration such as a MicroChip 93LC46B or
equivalent capable of a 1Mb/s clock rate at VCC =
4.35V to 5.25V. The EEPROM is programmable-
on board over USB using a utility available from
FTDI’s web site (http://www.ftdichip.com). This
allows a blank part to be soldered onto the PCB
and programmed as part of the manufacturing and
test process.
If no EEPROM is connected (or the EEPROM
is blank), the FT232BM will use its built-in
default VID, PID Product Description and Power
Descriptor Value. In this case, the device will not
have a serial number as part of the USB descriptor.
4.0 Device Pin-Out
Figure 1
Pin-Out
(LQFP-32 Package )
EESK
EEDATA
VCC
RESET#
RSTOUT#
3V3OUT
USBDP
USBDM
GND
RI#
DCD#
DSR#
DTR#
CTS#
RTS#
RXD
1
8
9
16
17
24
25
32
FTDI
FT232BM
XXYY
Figure 2
Pin-Out
(Schematic Symbol )
25
24
23
22
21
20
19
18
12
16
11
14
15
10
6
8
7
5
27
28
4
32
1
31
2
3V3OUT
USBDP
USBDM
RSTOUT#
XTIN
XTOUT
RESET#
EECS
EESK
EEDATA
TEST
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
TXDEN
PWREN#
PWRCTL
TXLED#
RXLED#
SLEEP#
G
N
D
G
N
D
A
G
N
D
A
V
V
C
V
C
C
V
C
C
V
C
C
I
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com