Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSWT4L-RKWT4L-995 Datasheet(PDF) 1 Page - Belden Inc.

Part # RSWT4L-RKWT4L-995
Description  M12 Power Double-Ended Cordset: Male angled to Female angled, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSWT4L-RKWT4L-995 Datasheet(HTML) 1 Page - Belden Inc.

  RSWT4L-RKWT4L-995 Datasheet HTML 1Page - Belden Inc. RSWT4L-RKWT4L-995 Datasheet HTML 2Page - Belden Inc. RSWT4L-RKWT4L-995 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSWT 4L-RKWT 4L-995
M12 Power Double-Ended Cordset: Male angled to Female angled, 4-pin,
L-coded, blue body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
Product Description
M12 Power Double-Ended Cordset: Male angled to Female angled, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
Technical Drawing
Technical Specifications
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation


Similar Part No. - RSWT4L-RKWT4L-995

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSWT4L-RKWT4L-993 BELDEN-RSWT4L-RKWT4L-993 Datasheet
644Kb / 3P
M12 Power Double-Ended Cordset: Male angled to Female angled, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
More results

Similar Description - RSWT4L-RKWT4L-995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425089 PHOENIX-1425089 Datasheet
118Kb / 5P
Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, L-coded, on free cable end, cable length: 1.5 m, for direct current up to 16 A/63 V
1425091 PHOENIX-1425091 Datasheet
118Kb / 5P
Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, L-coded, on free cable end, cable length: 5 m, for direct current up to 16 A/63 V
1425092 PHOENIX-1425092 Datasheet
118Kb / 5P
Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, L-coded, on free cable end, cable length: 10 m, for direct current up to 16 A/63 V
1425099 PHOENIX-1425099 Datasheet
120Kb / 5P
Power cable, 4-position, PVC, black-gray RAL 7021, Socket angled M12, L-coded, on free cable end, cable length: 5 m, for direct current up to 16 A/63 V
logo
Molex Electronics Ltd.
1200020218 MOLEX-1200020218 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
1200020219 MOLEX-1200020219 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
1200020221 MOLEX-1200020221 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
1200020234 MOLEX-1200020234 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
1200020236 MOLEX-1200020236 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com