Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSWT4L-RKWT4L-995 Datasheet(PDF) 2 Page - Belden Inc.

Part # RSWT4L-RKWT4L-995
Description  M12 Power Double-Ended Cordset: Male angled to Female angled, 4-pin, L-coded, blue body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSWT4L-RKWT4L-995 Datasheet(HTML) 2 Page - Belden Inc.

  RSWT4L-RKWT4L-995 Datasheet HTML 1Page - Belden Inc. RSWT4L-RKWT4L-995 Datasheet HTML 2Page - Belden Inc. RSWT4L-RKWT4L-995 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connector Type:
Cordset, double ended
Shielding:
Unshielded
Rated Voltage:
63 V
Rated Voltage (UL):
63 V
Rated Impulse Voltage:
1.5 kV
Rated Current*:
16 A
Rated Current (UL)*:
16 A
Technical Data Side 1
Product Sub Family:
M12 Power
Type of Contact / Gender:
male
Connector Design:
angled
Attachment Type:
Coupling Screw
Number of Pins:
4
Coding:
L
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature (Operation)*:
-40 °C to +125 °C, notice derating
Protection Degree / IP Rating**:
IP65, IP67, IP69K
Design Standard:
IEC 61076-2-111
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Clearance / Creepage Distance:
DIN EN 60664-1 (2008/01); VDE 0110-1
Overvoltage Category:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material:
CuNi
Contact Plating:
Cu/Au
Contact Bearer Material:
PBT GF
Contact Bearer Color:
black
Flammability Class (Contact Bearer):
UL 94 V-2
Molded Body Material:
TPE
Molded Body Color:
blue
Flammability Class (Molded Body):
UL 94 HB
Attachment Material:
CuZn
Attachment Plating:
Cu/Ni
O-Ring Material:
FKM
Fastening Torque (Contact Screw):
M 12x1: (50-60) Ncm, hand-tight
Cable Data
Cable Number:
995
Conductor Size:
1.50 mm²
Number of Wires:
4
Minimal Bending Radius (Fixed Inst):
˃ 10 x D
Minimal Bending Radius (Flexible Inst):
˃ 10 x D
Cycles (Bending):
˃ 1 Mio
Conductor material:
Cu
Cable Jacket Material:
TPE
Cable Jacket Color:
black
Cable Diameter D:
Ø 8.7 mm ± 0.2 mm
Wire Insulation Material:
PVC / PVC-Polyamid
Insulated Wire Diameter:
ø 2.55 mm
Overall Shield (Cable):
-
Ambient Temperature (Fixed Installation):
-40 °C to +90 °C
Ambient Temperature (Flex Installation):
-5 °C to +90 °C
Ambient Temperature (Drag Chain Inst):
-
UL Cable Type:
UL/CSA, NEC (UL) TC_ER, WTTC or AWM Style 20328 (900 V 105 °C)
Flammability Class (Cable Jacket):
UL1685 FT4/IEEE 1202 Vertical Tray Flame Test, FT4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com