Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACT4012
Description  Wide Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT4012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACT4012 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACT4012
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4012SH
-40°C to 85°C
SOP-8
8
TUBE
ACT4012SH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 10nF between this pin and SW.
2
IN
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor in
Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
G
Ground and Heatsink. Connect to a large, uncovered PCB copper area for best heat
dissipation.
5
FB
Feedback Input. The voltage at this pin is regulated to 1.293V. Connect to the resistor
divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Compensation Technique in Application Information section.
7
EN
Enable Input. When higher than 1.3V, this pin turns the IC on. When lower than 0.7V,
this pin turns the IC off. Output voltage is discharged when the IC is off. This pin has a
small internal pull up current to a high level voltage when pin is not connected. Do not
allow EN to exceed 6V.
8
N/C
Not Connected.
Active-Semi, Inc.
- 2 -
www.active-semi.com
1
BS
SOP-8
2
IN
3
SW
4
G
8
7
6
5
N/C
EN
COMP
FB
ACT4012SH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com