Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4012 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ACT4012
Description  Wide Input 2A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT4012 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ACT4012 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT4012 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACT4012
Figure 2. Functional Block Diagram
FUNCTIONAL DESCRIPTION
As seen in Figure 2, Functional Block
Diagram, the ACT4012 is a current mode pulse
width
modulation
(PWM)
converter.
The
converter operates as follows:
A switching cycle starts when the rising edge
of the Oscillator clock output causes the High-
Side Power Switch to turn on and the Low-Side
Power Switch to turn off. With the SW side of the
inductor now connected to IN, the inductor
current ramps up to store energy in the its
magnetic field. The inductor current level is
measured by the Current Sense Amplifier and
added to the Oscillator ramp signal. If the
resulting summation is higher than the COMP
voltage, the output of the PWM Comparator
goes high. When this happens or when
Oscillator clock output goes low, the High-Side
Power Switch turns off and the Low-Side Power
Switch turns on. At this point, the SW side of the
inductor swings to a diode voltage below ground,
causing the inductor current to decrease and
magnetic energy to be transferred to output. This
state continues until the cycle starts again.
The High-Side Power Switch is driven by
logic using BS bootstrap pin as the positive rail.
This pin is charged to VSW + 6V when the Low-
Side Power Switch turns on.
The COMP voltage is the integration of the
error between FB input and the internal 1.293V
reference. If FB is lower than the reference
voltage, COMP tends to go higher to increase
current to the output. Current limit happens when
COMP reaches its maximum clamp value of
2.55V.
The Oscillator normally switches at 410kHz.
However, if FB voltage is less than 0.7V, then the
switching frequency decreases until it reaches a
minimum of 50kHz at VFB = 0.5V.
SHUTDOWN CONTROL
The ACT4012 has an enable input EN for
turning the IC on or off. When EN is less than
0.7V, the IC is in 8μA low current shutdown
mode and output is discharged through the Low-
Side Power Switch. When EN is higher than
1.3V, the IC is in normal operation mode. EN is
internally pulled up with a 2μA current source
and can be left unconnected for always-on
operation. Note that EN is a low voltage input
with a maximum voltage of 6V; it should never
be directly connected to IN.
THERMAL SHUTDOWN
The ACT4012 automatically turns off when its
junction temperature exceeds 160°C.
Active-Semi, Inc.
- 4 -
www.active-semi.com
IN
EN
COMP
FB
BS
SW
REGULATOR
&
REFERENCE
OSCILLATOR
&
RAMP
+
–
+
–
+
–
+
–
PWM
COMPARATOR
LOGIC
THERMAL
SHUTDOWN
G
2μA
ENABLE
ERROR
AMPLIFIER
1.293V
FOLDBACK
CONTROL
0.4Ω
HIGH-SIDE
POWER
SWITCH
10Ω LOW-SIDE
POWER SWITCH
CURRENT SENSE
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com