Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1201AS Datasheet(PDF) 13 Page - Power Innovations Ltd

Part # LB1201AS
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AS Datasheet(HTML) 13 Page - Power Innovations Ltd

Back Button LB1201AS Datasheet HTML 6Page - Power Innovations Ltd LB1201AS Datasheet HTML 7Page - Power Innovations Ltd LB1201AS Datasheet HTML 8Page - Power Innovations Ltd LB1201AS Datasheet HTML 9Page - Power Innovations Ltd LB1201AS Datasheet HTML 10Page - Power Innovations Ltd LB1201AS Datasheet HTML 11Page - Power Innovations Ltd LB1201AS Datasheet HTML 12Page - Power Innovations Ltd LB1201AS Datasheet HTML 13Page - Power Innovations Ltd LB1201AS Datasheet HTML 14Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PRODUCT
INFORMATION
P008
plastic dual-in-line package
This dual-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions The package is intended for
insertion in mounting-hole rows on 7,62 (0.300) centers. Once the leads are compressed and inserted,
sufficient tension is provided to secure the package in the board during soldering.
Leads require no
additional cleaning or processing when used in soldered assembly.
MECHANICAL DATA
1
2
3
4
8
7
6
5
10,2 (0.400) MAX
Index
Dot
1,78 (0.070) MAX
4 Places
5,08 (0.200)
MAX
0,51 (0.020)
MIN
2,54 (0.100) T.P.
6 Places
(see Note A)
0,533 (0.021)
0,381 (0.015)
8 Places
3,17 (0.125)
MIN
Seating
Plane
0,36 (0.014)
0,20 (0.008)
8 Places
105°
90°
8 Places
6,60 (0.260)
6,10 (0.240)
7,87 (0.310)
7,37 (0.290)
T.P.
C
L
C
L
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
P008
Designation per JEDEC Std 30:
PDIP-T8
NOTE A: Each pin centerline is located within 0,25 (0.010) of its true longitudinal position
MDXXABA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com