Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1201AS Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # LB1201AS
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AS Datasheet(HTML) 2 Page - Power Innovations Ltd

  LB1201AS Datasheet HTML 1Page - Power Innovations Ltd LB1201AS Datasheet HTML 2Page - Power Innovations Ltd LB1201AS Datasheet HTML 3Page - Power Innovations Ltd LB1201AS Datasheet HTML 4Page - Power Innovations Ltd LB1201AS Datasheet HTML 5Page - Power Innovations Ltd LB1201AS Datasheet HTML 6Page - Power Innovations Ltd LB1201AS Datasheet HTML 7Page - Power Innovations Ltd LB1201AS Datasheet HTML 8Page - Power Innovations Ltd LB1201AS Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
2
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
These monolithic protection devices are fabricated in ion-implanted planar vertical power structures for high
reliability and in normal system operation they are virtually transparent. The buffered gate design reduces the
loading on the SLIC supply during overvoltages caused by power cross and induction.
NOTES: 1. Initially the protector must be in thermal equilibrium with -40°C
≤ T
J ≤ 85°C. The surge may be repeated after the device returns to
its initial conditions.
2. The rated current values may be applied either to the Ring to Ground or to the Tip to Ground terminal pairs. Additionally, both
terminal pairs may have their rated current values applied simultaneously (in this case the Ground terminal current will be twice the
rated current value of an individual terminal pair). Above 85°C, derate linearly to zero at 150°C lead temperature.
absolute maximum ratings
RATING
SYMBOL
VALUE
UNIT
Repetitive peak off-state voltage, IG = 0, -40°C ≤ TJ ≤ 85°C
VDRM
-100
V
Repetitive peak gate-cathode voltage, VKA = 0, -40°C ≤ TJ ≤ 85°C
VGKRM
-85
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000 µs
30
10/160 µs
45
2/10 µs
50
Non-repetitive peak on-state current (see Notes 1 and 2)
ITSM
Arms
60 Hz sine-wave, 25 ms
6
60 Hz sine-wave, 2 s
1
Continuous on-state current (see Note 2)
ITM
0.3
A
Continuous forward current (see Note 2)
IFM
0.3
A
Operating free-air temperature range
TA
-40 to +85
°C
Storage temperature range
Tstg
-40 to +150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 s
TL
260
°C
recommended operating conditions
MIN
TYP
MAX
UNIT
CG
Gate decoupling capacitor
100
nF
electrical characteristics, -40°C
≤ T
J ≤ 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID
Off-state current
VD = -85 V, VGK = 0 V
TJ = 25°C
5
µA
TJ = 85°C
50
µA
V(BO)
Breakover voltage
dv/dt = -250 V/ms, Source Resistance = 300
Ω, V
GG = -50 V
dv/dt = -250 V/ms, Source Resistance = 300
Ω, V
GG = -65 V
IT = 12.5 A, 10/1000 µs, Source Resistance = 80 Ω, VGG = -50 V
-53
-68
-55
V
IS
Switching current
dv/dt = -250 V/ms, Source Resistance = 300
Ω, V
GG = -50 V
-100
mA
VT
On-state voltage
IT = 1 A
IT = 10 A
IT = 16 A
IT = 30 A
3
4
5
7
V
VF
Forward voltage
IF = 1 A
IF = 10 A
IF = 16 A
IF = 30 A
2
4
5
5
V
IH
Holding current
IT = -1 A, di/dt = +1A/ms, VGG = -50 V
-150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com