Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

384 Datasheet(PDF) 2 Page - France Joint

Part # 384
Description  ROD SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

384 Datasheet(HTML) 2 Page - France Joint

  384 Datasheet HTML 1Page - France Joint 384 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H1
30°
30°
R 0,2
R1
b
L1
L4
L2
L3
C
C
|
DIMENSIONS
Part number
Rod diameter
Ød1 e9
Groove dimensions
ØD1 H10
ØD2 H10
H1
L1 0/+0.60
L2 0/+0.25
L3
L4
R
0/+0.20
e
b
384.0120201
12.00
20.00
22.00
10.70
13.00
8.80
2.20
4.00
1.10
1.80
1.50
384.0120221
12.00
22.00
24.00
10.70
13.00
8.80
2.20
4.00
1.10
1.80
1.50
384.0140241
14.00
24.00
26.00
10.70
13.00
8.80
2.20
4.00
1.10
1.80
1.50
384.0160261
16.00
26.00
28.00
10.70
13.00
8.80
2.20
5.00
1.10
1.80
1.50
384.0180261
18.00
26.00
28.00
10.70
13.00
8.80
2.20
5.00
1.10
1.80
1.50
384.0180281
18.00
28.00
30.00
10.70
13.00
8.80
2.20
5.00
1.10
1.80
1.50
384.0200301
20.00
30.00
32.00
10.70
13.00
8.80
2.20
5.00
1.10
1.80
1.50
384.0220321
22.00
32.00
34.50
11.20
14.00
9.40
2.80
7.50
1.40
2.00
2.00
384.0250351
25.00
35.00
37.50
11.20
14.00
9.40
2.80
7.50
1.40
2.00
2.00
384.0300401
30.00
40.00
42.50
11.20
14.00
9.40
2.80
7.50
1.40
2.00
2.00
384.0320421
32.00
42.00
44.50
11.20
14.00
9.40
2.80
7.50
1.40
2.00
2.00
384.0400501
40.00
50.00
52.50
11.20
14.00
9.40
2.80
7.50
1.40
2.00
2.00
384.0450551
45.00
55.00
58.20
12.20
15.00
10.40
3.60
10.00
1.80
2.50
2.00
384.0500601
50.00
60.00
63.20
12.20
15.00
10.40
3.60
10.00
1.80
2.50
2.00
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
PNEUMATIC SEALS | ROD SEALS |
BECA 384



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com