Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

384 Datasheet(PDF) 1 Page - France Joint

Part # 384
Description  ROD SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

384 Datasheet(HTML) 1 Page - France Joint

  384 Datasheet HTML 1Page - France Joint 384 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 384 profile is a snap-on
polyurethane monobloc rod seal.
ADVANTAGES
Excellent abrasion and wear resistance
Multi-functional sealing device
and external wiper seal
APPLICATIONS
Shock absorbers
Distributor
Standard cylinders
MATERIALS
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
Other grades of materials are available.
Please contact our experts.
|
TECHNICAL DATA
Temperature
-30°C / +110°C
Pressure
1.6 MPa
Speed
1 m/s
Media
Lubricated air
Oil-free air
Non-aggressive gases
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
CHAMFERS
Radial section
S
Chamfer
C
4.00
2.00
5.00
2.50
ROD SEALS
BECA 384
PNEUMATIC SEALS | ROD SEALS |
BECA 384


Similar Part No. - 384

ManufacturerPart #DatasheetDescription
logo
Littelfuse
384 LITTELFUSE-384 Datasheet
62Kb / 2P
SUBMINIATURE FUSES
logo
Energizer
384 ENERGIZER-384 Datasheet
197Kb / 1P
Silver Oxide Batteries
logo
Littelfuse
384 LITTELFUSE-384 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
List of Unclassifed Man...
384-1017 ETC2-384-1017 Datasheet
71Kb / 2P
Clip-On Heat Sink
logo
Magnetrol International...
384-2K00-003 MAGNETROL-384-2K00-003 Datasheet
546Kb / 36P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
More results

Similar Description - 384

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com