Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR2000 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR2000
Description  Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR2000 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  MR2000 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P.03
All Rights Reserved Copyright (C) SHINDENGEN ELECTRIC MANUFACTURING CO., LTD. 2002
Password Vol.02-06-e MR2000 Series
2-3
Equivalent Circuit and Appearance
3-1
Main Switching Device - High-speed IGBT (MR2900 Series)
The unique (patented) structure of the Shindengen high-speed IGBT provides both high-speed
switching and low saturation voltage in a single device, thus also permitting its use in switching
power supplies. This newly developed high-speed IGBT is positioned between the MOSFET and
the bipolar transistor (Fig.3).
Fig.4 shows a comparison of losses in the 900V resistant switching device in the worldwide
partial resonance power supply. The loss curve is comparatively flat in relation to the wide range
of input voltage, and as such the device is optimized for use with a variety of international input
voltages.
3
Features
Fig.3 Comparison of Switching Devices
Fig.1 Equivalent Circuit
Fig.2 Appearance
5
4
3
2
1
6
7
Q1
GND
Z/C
F/B
Vin
Vcc
Source/Emitter
Drain/Collector
IC1
MOSFET
High-speed
IGBT
IGBT
BJT
Device
Symbol
Drive
Voltage
Voltage
Voltage
Current
ON loss
Small
Small
Large
Large
Switching loss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com