Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR2000 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR2000
Description  Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR2000 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MR2000 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Development of the MR2000 Series
Energy conservation guidelines from the Ministry of Economy, Trade and Industry require a
reduction in the standby power consumption of various types of electrical products as a means of
reducing environmental CO2 levels. There are strong demands for reduced power consumption in
common devices such as TVs and set top boxes (STB) which remain on standby for long periods of
time, and efficient operation under micro-loads is required. Furthermore, demands for integration of
the various protective functions, higher functionality, and lower price are increasing to the extent
that it is now difficult to satisfy such demands with existing products.
In response, a Multi Chip Module (MCM) structure, incorporating only a main switch and control
IC, has been adopted in the development of the MR2000 Series of highly functional and low-cost IC
modules.
The MR2000 Series includes the 100V input and 200V/worldwide input IC modules, with a function
for burst mode switching under micro-load. The 100V input MR2500 Series employs a 500V
resistant MOSFET, while the 200V/worldwide input MR2900 Series employs a newly developed
900V resistant high-speed IGBT and a switching device optimized for the various input ranges.
Both devices are partial resonance power supply IC modules comprising a low power consumption
control IC as the control circuit.
MR2000 Series modules are contained in a fully molded MA Series package as used for previous
power supply hybrid ICs with an added screw hole.
P.01
All Rights Reserved Copyright (C) SHINDENGEN ELECTRIC MANUFACTURING CO., LTD. 2002
Password Vol.02-06-e MR2000 Series
MR2000 Series
Standby Compatible Partial Resonance Power Supply IC Module
with High-speed IGBT
Vol.02-06-e / June2002
Shigeru Hisada - Electronic Device Div.Group Advanced Power Products Div. Device Design Dept.
(Joined the company in 1991)
1
Introduction
2
Outline


Similar Part No. - MR2000

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MR2000 DIGITRON-MR2000 Datasheet
288Kb / 4P
MEDIUM CURRENT SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
MR2000S NJSEMI-MR2000S Datasheet
85Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
More results

Similar Description - MR2000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
AC-DC switching power supply control IC with standby mode
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
Provision for Standby mode operation Partial Resonance Power Supply IC Module
logo
List of Unclassifed Man...
BPS100 ETC1-BPS100 Datasheet
147Kb / 2P
Standby Supply Module
BPS200 ETC1-BPS200 Datasheet
136Kb / 2P
Standby Supply Module
logo
Sanken electric
STR-A6000 SANKEN-STR-A6000 Datasheet
119Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-W6200D SANKEN-STR-W6200D Datasheet
85Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
logo
Fuji Electric
FA5592 FUJI-FA5592 Datasheet
227Kb / 2P
PWM Power Supply IC with Low Standby Power
logo
Sanken electric
STR-A6000 SANKEN-STR-A6000_11 Datasheet
132Kb / 2P
Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
logo
Shindengen Electric Mfg...
MR4040 SHINDENGEN-MR4040 Datasheet
1Mb / 43P
Partial Resonance Power Supply ICModule
MR1000 SHINDENGEN-MR1000 Datasheet
418Kb / 3P
(MR1xxx) IC module for partial resonance power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com