Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8307_V01 Datasheet HTML 11Page - Analog Devices AD8307_V01 Datasheet HTML 12Page - Analog Devices AD8307_V01 Datasheet HTML 13Page - Analog Devices AD8307_V01 Datasheet HTML 14Page - Analog Devices AD8307_V01 Datasheet HTML 15Page - Analog Devices AD8307_V01 Datasheet HTML 16Page - Analog Devices AD8307_V01 Datasheet HTML 17Page - Analog Devices AD8307_V01 Datasheet HTML 18Page - Analog Devices AD8307_V01 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8307
Rev. F | Page 15 of 24
voltage that can block the lower reaches of the dynamic range
until it has become much less than the signal.
In most applications, the signal is single sided and can be applied
to either Pin 1 or Pin 8, with the other pin ac-coupled to ground.
Under these conditions, the largest input signal that can be
handled by the AD8307 is 10 dBm (sine amplitude of ±1 V)
when operating from a 3 V supply; 16 dBm can be handled
using a 5 V supply. The full 16 dBm can be achieved for supplies
down to 2.7 V, using a fully balanced drive. For frequencies
above about 10 MHz, this is most easily achieved using a matching
network. Using such a network, having an inductor at the input,
the input transient is eliminated. Occasionally, it is desirable to use
the dc-coupled potential of the AD8307. The main challenge is to
present signals to the log amp at the elevated common-mode
input level, requiring the use of low noise, low offset buffer
amplifiers. Using dual supplies of ±3 V, the input pins can
operate at ground potential.
OFFSET INTERFACE
The input-referred dc offsets in the signal path are nulled via
the interface associated with Pin 3, shown in Figure 30. Q1 and
Q2 are the first stage input transistors, with their corresponding
load resistors (125 Ω). Q3 and Q4 generate small currents, which
can introduce a dc offset into the signal path. When the voltage
on OFS is at about 1.5 V, these currents are equal and nominally
64 μA. When OFS is taken to ground, Q4 is off and the effect of the
current in Q3 is to generate an offset voltage of 64 μV × 125 Ω =
8 mV. Because the first stage gain is ×5, this is equivalent to an
input offset (INP to INM) of 1.6 mV. When OFS is taken to its
most positive value, the input-referred offset is reversed to −1.6 mV.
If true dc coupling is needed, down to very small inputs, this auto-
matic loop must be disabled and the residual offset eliminated
using a manual adjustment.
In normal operation, however, using an ac-coupled input signal,
the OFS pin should be left open. Any residual input offset voltage
is then automatically nulled by the action of the feedback loop.
The gm cell, which is gated off when the chip is disabled, converts
any output offset (sensed at a point near the end of the cascade
of amplifiers) to a current. This is integrated by the on-chip
capacitor, CHP, and any added external capacitance, COFS, to
generate an error voltage, which is applied back to the input
stage in the polarity needed to null the output offset. From a
small signal perspective, this feedback alters the response of the
amplifier, which, rather than behaving as a fully dc-coupled
system, now exhibits a zero in its ac transfer function, resulting
in a closed-loop high-pass corner at about 1.5 MHz.
48kΩ
125Ω
125Ω
MAIN GAIN
STAGES
Q2
Q1
Q3
64µA AT
BALANCE
Q4
S
AVERAGE
ERROR
CURRENT
OFS
TO LAST
DETECTOR
COFS
CHP
COM
VPS
36kΩ
INPUT
STAGE
BIAS, ~1.2V
2
3
7
gm
Figure 30. Offset Interface and Offset Nulling Path
The offset feedback is limited to a range of ±1.6 mV; signals larger
than this override the offset control loop, which only affects perfor-
mance for very small inputs. An external capacitor reduces the
high-pass corner to arbitrarily low frequencies; using 1 μF, this
corner is below 10 Hz. All Analog Devices log amps use an offset
nulling loop; the AD8307 differs in using this single-sided form.
OUTPUT INTERFACE
The outputs from the nine detectors are differential currents,
having an average value that is dependent on the signal input
level, plus a fluctuation at twice the input frequency. The currents
are summed at the LGP node and the LGM node in Figure 31.
Further currents are added at these nodes, to position the intercept,
by slightly raising the output for zero input, and to provide
temperature compensation. Because the AD8307 is not laser
trimmed, there is a small uncertainty in both the log slope and
the log intercept. These scaling parameters can be adjusted.
For zero signal conditions, all the detector output currents are
equal. For a finite input of either polarity, their difference is
converted by the output interface to a single-sided unipolar
current nominally scaled 2 μA/dB (40 μA/decade) at the OUT pin.
An on-chip 12.5 kΩ resistor, R1, converts this current to a voltage
of 25 mV/dB. C1 and C2 are effectively in shunt with R1 and form
a low-pass filter pole with a corner frequency of about 5 MHz.
The pulse response settles to within 1% of the final value within
300 ns. This integral low-pass filter provides adequate smoothing
in many IF applications. At 10.7 MHz, the 2f ripple is 12.5 mV
in amplitude, equivalent to ±0.5 dB, and only 0.5 mV (±0.02 dB) at
f = 50 MHz. A filter capacitor, CFLT, added from the OUT pin to
ground lowers this corner frequency. Using 1 μF, the ripple is
maintained to less than ±0.5 dB down to input frequencies of
100 Hz. Note that COFS should also be increased in low frequency
applications, and is typically made equal to CFLT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com