Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8307_V01 Datasheet HTML 16Page - Analog Devices AD8307_V01 Datasheet HTML 17Page - Analog Devices AD8307_V01 Datasheet HTML 18Page - Analog Devices AD8307_V01 Datasheet HTML 19Page - Analog Devices AD8307_V01 Datasheet HTML 20Page - Analog Devices AD8307_V01 Datasheet HTML 21Page - Analog Devices AD8307_V01 Datasheet HTML 22Page - Analog Devices AD8307_V01 Datasheet HTML 23Page - Analog Devices AD8307_V01 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 20 of 24
APPLICATIONS INFORMATION
The AD8307 is a highly versatile and easily applied log amp
requiring very few external components. Most applications of this
device can be accommodated using the simple connections shown
in the preceding section.
BUFFERED OUTPUT
The output can be buffered and the slope optionally increased by
using an op amp. If the single-supply capability is to be preserved, a
suitable component is the AD8031. Like the AD8307, it is capable
of operating from a 2.7 V supply and features a rail-to-rail
output capability; it is available in a 5-lead version and in dual
form as the 8-lead AD8032. Figure 38 shows how the slope can
be increased to 50 mV/dB (1 V per decade), requiring a 5 V
supply (90 dB times 50 mV is a 4.5 V swing). VR1 provides a
±10% slope adjustment; VR2 provides a ±3 dB intercept range.
With R2 = 4.99 kΩ, the slope is adjustable to 25 mV/dB, allowing
the use of a 2.7 V supply. Setting R2 to 80.6 kΩ, it is raised to
100 mV/dB, providing direct reading in decibels on a digital
voltmeter. Because a 90 dB range now corresponds to a 9 V swing,
a supply of at least this amount is needed for the op amp.
20mV/dB
AD8031
OUTPUT
50mV/dB
±10%
AD8307
INPUT
–75dBm TO
+16dBm
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
4.7Ω
VR2
50kΩ
R2
30.1kΩ
COM
R1
20kΩ
RS
0.1µF
VP, 2.7V TO 5.5V
±3dB
VR1
50kΩ
32.4kΩ
C1
FOR VP = 3V, RS = 20kΩ
VP = 5V, RS = 51kΩ
Figure 38. Log Amp with Buffered Output
C1 is optional; it lowers the corner frequency of the low-pass
output filter. A value of 0.1 μF should be used for applications in
which the output is measured on a voltmeter or other low speed
device. On the other hand, when C1 is omitted, the 10% to 90%
response time is under 200 ns and is typically 300 ns to 99% of
the final value. To achieve faster response times, it is necessary
to lower the load resistance at the output of the AD8307, then
restore the scale using a higher gain in the op amp. Using 8.33 kΩ,
the basic slope is 10 mV/dB; this can be restored to 25 mV/dB
using a buffer gain of 2.5. The overall 10% to 90% response time
is under 100 ns. Figure 39 shows how the output current capability
can be augmented to drive a 50 Ω load; RT optionally provides
reverse termination, which halves the slope to 12.5 mV/dB.
FOUR-POLE FILTER
In low frequency applications, for example, audio down to
20 Hz, it is useful to employ the buffer amplifier as a multipole
low-pass filter to achieve low output ripple while maintaining a
rapid response time to changes in signal level.
25mV/dB
2N3904
10mV/dB
±18%
AD8031
OUTPUT
50Ω
MINIMUM
AD8307
INPUT
–75dBm TO
+16dBm
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
4.7Ω
VR2
50kΩ
R2
3.01kΩ
R1
2kΩ
RS
0.1µF
VP, 2.7V TO 5.5V
±3dB
VR1
5kΩ
6.34kΩ
RT
(OPTIONAL)
COM
Figure 39. Cable Driving Log Amp
In Figure 40, the capacitor values are chosen for operation in the
audio field, providing a corner frequency of 10 Hz, an attenuation
of 80 dB/decade above this frequency, and a 1% settling time of
150 ms (0.1% in 175 ms). The residual ripple is 4 mV (±0.02 dB)
when the input to the AD8307 is at 20 Hz. This filter can easily
be adapted to other frequencies by proportional scaling of C5 to C7
(for example, for 100 kHz use 100 pF). Placed ahead of a digital
multimeter, the convenient slope scaling of 100 mV/dB requires
only a repositioning of the decimal point to read directly in
decibels. The supply voltage for the filter must be large enough to
support the dynamic range; a minimum of 9 V is needed for most
applications; 12 V is recommended.
VR2
50kΩ
SLOPE
OUTPUT
100mV/dB
AD8307
INPUT 5mV
TO 160V rms
INP VPS ENB INT
INM COM OFS OUT
87
6
5
23
4
1
4.7Ω
VR1
2kΩ
NC
R1
50kΩ
93kΩ
80.6kΩ
32.4kΩ
34kΩ
422Ω
0.1µF
VP
C6
1µF
75kΩ
C7
1µF
C2
10µF
C3
2.5nF
+
+
C1
10µF
OP AMP IS AD8032 SCALE
C1 TO C8 AS NEEDED.
NOTE POLARITIES IF TANTALUM
CAPACITORS ARE USED.
+
+
+
+
C8
1µF
7.32kΩ
100kΩ
34kΩ
+
C5
1µF
INT ±4dB
COM
Figure 40. Log Amp with Four-Pole Low-Pass Filter
Figure 40 also shows the use of an input attenuator that can
optionally be employed to produce a useful wide range ac voltmeter
with direct decibel scaling. The basic range of −73 dBm to
+17 dBm (that is, 50 μV rms to 1.6 V rms, for sine excitations) is
shifted for illustrative purposes to 5 mV to 160 V rms (at which
point the power in R1 is 512 mW). Because the basic input
resistance of the AD8307 is not precise, VR1 is used to center the
signal range at its input, doubling as a ±4 dB intercept adjustment.
The low frequency response extends to 15 Hz; a higher corner
frequency can be selected as needed by scaling C1 and C2. The
shunt capacitor, C3, is used to lower the high frequency bandwidth
to about 100 kHz, and thus lower the susceptibility to spurious
signals. Other values should be chosen as needed for the coupling
and filter capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com