Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL5519
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL5519_V01 Datasheet HTML 30Page - Analog Devices ADL5519_V01 Datasheet HTML 31Page - Analog Devices ADL5519_V01 Datasheet HTML 32Page - Analog Devices ADL5519_V01 Datasheet HTML 33Page - Analog Devices ADL5519_V01 Datasheet HTML 34Page - Analog Devices ADL5519_V01 Datasheet HTML 35Page - Analog Devices ADL5519_V01 Datasheet HTML 36Page - Analog Devices ADL5519_V01 Datasheet HTML 37Page - Analog Devices ADL5519_V01 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
ADL5519
Data Sheet
Rev. C | Page 34 of 39
MEASURING VSWR
Measurement of reflected power in wireless transmitters is a
critical auxiliary function that is often overlooked. The power
reflected back from an antenna is specified using either the voltage
standing wave ratio (VSWR) or the reflection coefficient (also
referred to as the return loss). Poor VSWR can cause shadowing in
a TV broadcast system because the signal reflected off the
antenna reflects again off the power amplifier and is then
rebroadcast. In wireless communications systems, shadowing
produces multipath-like phenomena. Poor VSWR can degrade
transmission quality; the catastrophic VSWR that results from
damage to a co-axial cable or to an antenna can, at its worst,
destroy the transmitter.
The ADL5519 delivers an output voltage proportional to the
log of the input signal over a large dynamic range. A log-
responding device offers a key advantage in VSWR measurement
applications. To compute gain or reflection loss, the ratio of the
two signal powers (either OUTPUT/INPUT or REVERSE/
FORWARD) must be calculated. An analog divider must be
used to perform this calculation with a linear-responding diode
detector, but only simple subtraction is required when using a log-
responding detector (because log(A/B) = log(A) − log(B)).
A dual RF detector has an additional advantage compared to
a discrete implementation. There is a natural tendency for two
devices (RF detectors, in this case) to behave similarly when they
are fabricated on a single piece of silicon, with both devices having
similar temperature drift characteristics, for example. At the
summing node, this drift cancels to yield a result that is more
temperature stable.
In Figure 71, two directional couplers are used, one to measure
forward power and one to measure reverse power. Additional
attenuation is required before applying these signals to the
detectors. The ADL5519 dual detector has a measurement range
of 50 dB in each detector. Care must be taken in setting the
attenuation levels so the reflection coefficient can be measured
over the desired output power range.
The level planning used in this example is graphically depicted
in Figure 70. In this example, the expected output power range
from the HPA is 30 dB, from 20 dBm to 50 dBm. Over this
power range, the ADL5519 can accurately measure reflection
coefficients from 0 dB (short, open, or load) to −20 dB.
Each ADL5519 detector has a nominal input range from −5 dBm
to −55 dBm. In this example, the maximum forward power of
+50 dBm is attenuated to −10 dBm at the detector input (this
attenuation is achieved through the combined coupling factor
of the directional coupler and the subsequent attenuation). This
puts the maximum power at the detector comfortably within its
linear operating range. Also, when the HPA is transmitting at its
lowest power level of +20 dBm, the detector input power is
−40 dBm, which is still within its input operating range.
50dBm
40dBm
30dBm
20dBm
10dBm
0dBm
–10dBm
–20dBm
–30dBm
–40dBm
–50dBm
–60dBm
FORWARD
POWER
RANGE
POWER
AT INPUT A
REVERSE
POWER
RANGE
POWR
AT INPUT B
55dB
ATTENUATION
DECTOR A/B
INPUT RANGE
60dB
ATTENUATION
Figure 70. ADL5519 VSWR Level Planning
Careful level planning should be used to match the input power
levels in a dual detector and to place these power levels within
the linear operating range of the detectors. The power from the
reverse path is attenuated by 55 dB, which means that the detector
is capable of measuring reflected power up to 0 dB. In most appli-
cations, the system is designed to shut down when the reflection
coefficient degrades below a certain minimum (for example,
10 dB). Full reflection is allowed when using the ADL5519 because
of its large dynamic range. In the case of very little reflection
(a return loss of 20 dB) and the HPA is transmitting +20 dBm,
the reverse path detector has an input power of −55 dBm.
The application circuit in Figure 71 provides a direct reading of
return loss, forward power, and reverse power. If the forward and
reverse phase difference (phase angle) is needed to optimize the
power delivered to the antenna, the AD8302 should be used.
It provides one output that represents the return loss and one
output that represents the phase difference between the two
signals. However, the AD8302 does not provide the absolute
forward or reverse power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com