Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5519
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5519_V01 Datasheet HTML 22Page - Analog Devices ADL5519_V01 Datasheet HTML 23Page - Analog Devices ADL5519_V01 Datasheet HTML 24Page - Analog Devices ADL5519_V01 Datasheet HTML 25Page - Analog Devices ADL5519_V01 Datasheet HTML 26Page - Analog Devices ADL5519_V01 Datasheet HTML 27Page - Analog Devices ADL5519_V01 Datasheet HTML 28Page - Analog Devices ADL5519_V01 Datasheet HTML 29Page - Analog Devices ADL5519_V01 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADL5519
Data Sheet
Rev. C | Page 26 of 39
ALTERING THE SLOPE
As discussed in the Setpoint Interface—VSTA, VSTB section,
the slope can readily be increased by scaling the amount of
output voltage at OUTA, OUTB that is fed back to the setpoint
interface, VSTA, VSTB. When the full signal from OUTA,
OUTB is applied to VSTA, VSTB, the slope has a nominal value of
−22 mV/dB. This value can be increased by including a voltage
divider between the OUTA, OUTB and VSTA, VSTB pins, as
shown in Figure 64.
ADL5519
OUTA, OUTB
VOUT
R1
R2
VSTA, VSTB
Figure 64. External Network to Raise Slope
The approximate input resistance for VSTA, VSTB is 40 kΩ.
Scaling resistor values should be carefully selected to minimize
errors. Keep in mind that these resistors also load the output
pins and reduce the load-driving capabilities.
Equation 11 can be used to calculate the resistor values.
1
22
D
S
R2'
R1
(11)
where:
SD is the desired slope, expressed in millivolts/decibels (mV/dB).
R2' is the value of R2 in parallel with 40 kΩ.
For example, using R1 = 1.65 kΩ and R2 = 1.69 kΩ (R2' =
1.62 kΩ), the nominal slope is increased to −44 mV/dB.
When the slope is increased, the loop capacitor, CLPA, CLPB,
may need to be raised to ensure stability and to preserve a chosen
averaging time. The slope can be lowered by placing a voltage
divider after the output pin, following standard practices.
CHANNEL ISOLATION
Isolation must be considered when using both channels of the
ADL5519 at the same time. The two isolation requirements that
should be considered are the isolation from one RF channel input
to the other RF channel input and the isolation from one RF
channel input to the other channel output. When using both
channels of the ADL5519, care should be taken in the layout to
isolate the RF inputs, INHA and INHB, from each other. Coupling
on the PC board affects both types of isolation.
In most applications, the designer has the ability to adjust the
power going into the ADL5519 through the use of temperature-
stable couplers and accurate temperature-stable attenuators of
different values. When isolation is a concern, it is useful to
adjust the input power so the lowest expected detectable power
is not far from the lowest detectable power of the ADL5519 at
the frequency of operation.
The lowest detectable power point of the ADL5519 has little
variation from part to part. This equalizes the signals on both
channels at their lowest possible power level, which reduces the
overall isolation requirements and possibly adds attenuators to the
RF inputs of the device, reducing the RF channel input isolation
requirements.
Measuring the RF channel input to the other RF channel input
isolation is straightforward and is done by measuring the loss
on a network analyzer from one input to the other input. The
outcome is shown in the Specifications section of the data sheet.
Note that adding an attenuator in series with the RF signal
increases the channel input-to-input isolation by the value of
the attenuator.
The isolation between one RF channel input and the other channel
output is a little more complicated. The easiest approach
(which was used in this datasheet) to measuring this isolation is
to have one channel set to the lowest power level it is expected
to have on its input (approximately −50 dBm in this data sheet)
and then increasing the power level on the other channel input
until the output of the low power channel changes by 22 mV.
Because −50 dBm is in the linear region of the detector, 22 mV
equates to a 1 dB change in the output.
If the inputs to both RF channels are at the same frequency, the
isolation also depends on the phase shift between the RF signals
put into the ADL5519. This relationship can be demonstrated by
placing a high power signal on one RF channel input and a low
power signal slightly offset in frequency to the other RF channel.
If the output of the low power channel is observed with an
oscilloscope, it has a ripple that looks similar to a full-wave
rectified sine wave with a frequency equal to the frequency
difference between the two channels, that is, a beat tone. The
magnitude of the ripple reflects the isolation at a specific phase
offset (note that two signals of slightly different frequencies act
like two signals with a constantly changing phase), and the
frequency of that ripple is directly related to the frequency offset.
The data shown in the Specifications section assumes worst-case
amplitude and phase offset. If the RF signals on Channel A and
Channel B are at significantly different frequencies, the input-
to-output isolation increases, depending on the capacitors placed
on CLPA, CLPB and the frequency offset of the two signals, due
to the response roll-off within the ADL5519.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com