Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311-EVAL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8311-EVAL
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311-EVAL Datasheet(HTML) 4 Page - Analog Devices

  AD8311-EVAL Datasheet HTML 1Page - Analog Devices AD8311-EVAL Datasheet HTML 2Page - Analog Devices AD8311-EVAL Datasheet HTML 3Page - Analog Devices AD8311-EVAL Datasheet HTML 4Page - Analog Devices AD8311-EVAL Datasheet HTML 5Page - Analog Devices AD8311-EVAL Datasheet HTML 6Page - Analog Devices AD8311-EVAL Datasheet HTML 7Page - Analog Devices AD8311-EVAL Datasheet HTML 8Page - Analog Devices AD8311-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8311
Rev. A | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
MEASUREMENT MODE (f = 2.5 GHz)
Input Impedance
No termination resistor on RFIN
164 || 1.55
Ω || pF
±1 dB Dynamic Range
TA = +25
°C
42
dB
−40
°C < T
A
< +85
°C
41
dB
Maximum Input Level
±1 dB error
−6.2
dBm
Minimum Input Level
±1 dB error
−47.7
dBm
Slope2
22.5
mV/dB
Intercept2
−60.6
dBm
VSET Voltage—High Power In
PIN = –10 dBm
1.14
V
VSET Voltage—Low Power In
PIN = –40 dBm
0.46
V
Temperature Sensitivity
PIN = –10 dBm
25
°C ≤ T
A
≤ 85
°C
−0.0004
dB/
°C
−40
°C ≤ T
A
≤ +25
°C
+0.0090
dB/
°C
OUTPUT INTERFACE
VAPC (Pin 2)
Minimum Output Voltage
VSET ≤ 150mV
0.2
0.3
0.4
V
Maximum Output Voltage
IOUT = 3 mA
2.3
2.55
V
RL = ∞
2.4
2.65
V
vs. Temperature
85°C, VPOS = 3 V, IOUT = 6 mA
2.54
V
General Limit
2.7 V ≤ VPOS ≤ 5.5 V, RL = ∞
VPOS – 0.1
V
Output Current Drive
VSET = 1.5 V, RFIN = –50 dBm, source/sink
5/200
mA/μA
Output Noise
RF Input = 2 GHz, 0 dBm, fNOISE = 100 kHz, CFLT = 220 pF
170
nV/√Hz
Small Signal Bandwidth
RFIN = −10 dBm; from FLTR to VAPC
30
MHz
Fall Time
Input level = off to 0 dBm, 90% to 10%
120
ns
Rise Time
Input level = 0 dBm to off, 10% to 90%
270
ns
Slew Rate
90% – 10%, VSET = 0.3 V, open loop
15
V/μs
Response Time
FLTR = Open
130
ns
VSET INTERFACE
VSET (Pin 3)
Nominal Input Range
RFIN = 0 dBm; measurement mode
1.4
V
RFIN = −50 dBm; measurement mode
0.27
V
Logarithmic Scale Factor
0.04
dB/mV
Bias Current Source
RFIN = −10 dBm; VSET = 1.4 V
0.26
μA
Input Resistance
36
MΩ
Slew Rate
14
V/μs
POWER INTERFACE
VPOS (Pin 1)
Supply Voltage
2.7
5.5
V
Quiescent Current
5
7.6
10.7
mA
vs. Temperature
–40
°C ≤ T
A
≤ +85
°C
8.2
12.9
mA
Power-On Time
Time from VPOS high to VAPC within 1% of final value,
VSET ≤ 200 mV
3
10
μs
Power-Off Time
Time from VPOS low to VAPC within 1% of final value,
VSET ≤ 200 mV
100
2000
ns
1 VAPC (Pin 2) to VSET (Pin 3) with inversion stage, sinusoidal input signal.
2 Mean and standard deviation specifications are available in
.
Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com