Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311-EVAL Datasheet(PDF) 14 Page - Analog Devices

Part # AD8311-EVAL
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311-EVAL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8311-EVAL Datasheet HTML 10Page - Analog Devices AD8311-EVAL Datasheet HTML 11Page - Analog Devices AD8311-EVAL Datasheet HTML 12Page - Analog Devices AD8311-EVAL Datasheet HTML 13Page - Analog Devices AD8311-EVAL Datasheet HTML 14Page - Analog Devices AD8311-EVAL Datasheet HTML 15Page - Analog Devices AD8311-EVAL Datasheet HTML 16Page - Analog Devices AD8311-EVAL Datasheet HTML 17Page - Analog Devices AD8311-EVAL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8311
Rev. A | Page 14 of 24
Continuing with the stability analysis, the gain of the control
loop can be expressed as
kA
k
I
P
SET
OUT
+
=
∂
∂
1
(10)
where:
PA
FLT
PA
s
sC
G
k
τ
+
×
×
=
1
)
1
(
35
.
1
(dB/A)
(11)
SLP
I
A =
(A/dB)
(12)
The effect of the zero resistor, RFLT, can be easily included by
replacing (1/sCFLT) with (RFLT + 1/sCFLT). The criteria for loop
stability can be derived by setting the denominator of
Equation 10 equal to 0, giving
()
()
(
)
SLP
PA
FLT
PA
FLT
FLT
I
G
sC
s
C
sR
×
×
τ
+
+
×
+
=
1
1
35
.
1
1
0
(13)
From Equation 13, the closed-loop integration time constant is
given by
(
)
35
.
1
×
×
=
SLP
PA
FLT
ClosedLoop
I
G
C
T
(14)
The gain and phase margins of the control loop can be deduced
from the Bode plots of Equation 13.
BASIC CONNECTIONS
Figure 29 shows the basic connections for operating the
AD8311, and Figure 30 shows a block diagram of a typical
application. The AD8311 is typically used in the RF power
control loop of a mobile handset.
A supply voltage of 2.7 V to 5.5 V is required for the AD8311.
The supply to the VPOS pin should be decoupled with a low
inductance 0.1 μF surface-mount ceramic capacitor, close to the
device. The AD8311 has an internal input coupling capacitor,
which negates the need for external ac-coupling. This capacitor,
along with the low frequency input impedance of the device of
approximately 2.14 kΩ, sets the minimum usable input
frequency to around 0.016 GHz. A broadband 50 Ω input
match is achieved in this example by connecting a 52.3 Ω
resistor between RFIN and ground. A Smith chart plot of input
impedance vs. frequency is shown in Figure 14. Other coupling
methods are also possible (see the Input Coupling Options
section).
VPOS
VAPC
VSET
RFIN
COMM
FLTR
AD8311
1
2
34
5
6
+VS
(2.7V TO 5.5V)
C1
0.1
μF
RFIN
R1
52.3
Ω
VAPC
VSET
CFLT
Figure 29. Basic Connections
RFIN
VSET
AD8311
VAPC
FLTR
CFLT
DAC
POWER
AMP
RFIN
ATTENUATOR
DIRECTIONAL
COUPLER
52.3
Ω
RFLT
GAIN
CONTROL
VOLTAGE
Figure 30. Typical Application
In a power control loop, the AD8311 provides both the detector
and controller functions. A sample of the power amplifier’s (PA)
output power is coupled to the RF input of the AD8311, usually
via a directional coupler. In dual mode applications, where there
are two PAs and two directional couplers, the outputs of the
directional couplers can be passively combined (both PAs will
never be turned on simultaneously) before being applied to the
AD8311.
A setpoint voltage is applied to VSET from the controlling
source (generally this is a DAC). Any imbalance between the RF
input level and the level corresponding to the setpoint voltage is
corrected by the AD8311’s VAPC output that drives the gain
control terminal of the PA. This restores a balance between the
actual power level sensed at the input of the AD8311 and the
value determined by the setpoint. This assumes that the gain
control sense of the variable gain element is positive, that is, an
increasing voltage from VAPC tends to increase gain.
VAPC can swing from 200 mV to within 100 mV of the supply
rail and can source up to 6 mA. If the control input of the PA
needs to source current, a suitable load resistor can be
connected between VAPC and COMM. The output swing and
current sourcing capability of VAPC is shown in Figure 11.
RANGE ON VSET AND RFIN
The relationship between the RF input level and the setpoint
voltage follows from the nominal transfer function of the device
(see Figure 4, Figure 5, Figure 7, and Figure 8). At 0.9 GHz, for
example, a voltage of 1 V on VSET indicates a demand for
−18 dBm at RFIN. The corresponding power level at the output
of the power amplifier is greater than this amount due to the
attenuation through the directional coupler.
For setpoint voltages of less than approximately 150 mV, VAPC
unconditionally remains at its minimum level of approximately
300 mV. This feature can be used to prevent any spurious
emissions during power-up and power-down phases.
Above 250 mV, VSET has a linear control range up to 1.4 V,
corresponding to a dynamic range of 50 dB. This results in a
slope of 23.8 mV/dB, or approximately 42.0 dB/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com