Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8310-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8310-EVALZ
Description  Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8310-EVALZ Datasheet HTML 4Page - Analog Devices AD8310-EVALZ Datasheet HTML 5Page - Analog Devices AD8310-EVALZ Datasheet HTML 6Page - Analog Devices AD8310-EVALZ Datasheet HTML 7Page - Analog Devices AD8310-EVALZ Datasheet HTML 8Page - Analog Devices AD8310-EVALZ Datasheet HTML 9Page - Analog Devices AD8310-EVALZ Datasheet HTML 10Page - Analog Devices AD8310-EVALZ Datasheet HTML 11Page - Analog Devices AD8310-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8310
Rev. F | Page 8 of 24
ENABLE VOLTAGE (V)
0.00001
0.5
2.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
TA = –40°C
100
10
1
0.1
0.01
0.001
0.0001
TA = +85°C
TA = +25°C
VOUT
–3dBV
500mV PER
VERTICAL
DIVISION
–23dBV
–43dBV
–63dBV
–83dBV
5V PER
VERTICAL
DIVISION
ENABLE
200ns PER HORIZONTAL DIVISION
Figure 18. Power-On/Off Response Time
with RF Input of −83 dBV to −3 dBV
Figure 15. Supply Current vs. Enable Voltage
at TA = −40°C, +25°C, and +85°C
FREQUENCY (MHz)
20
1
1000
10
100
21
30
29
24
23
22
26
25
28
27
FREQUENCY (MHz)
–99
–101
–119
1
1000
10
100
–111
–113
–115
–117
–107
–109
–103
–105
Figure 16. RSSI Slope vs. Frequency
Figure 19. RSSI Intercept vs. Frequency
INTERCEPT (dBV)
0
–115
–113
SLOPE (mV/dB)
0
21.5
22.0
5
30
10
25
20
15
22.5
23.0
23.5
24.0
24.5
35
40
NORMAL
(23.6584,
0.308728)
NORMAL
(–107.6338,
2.36064)
12
4
2
10
8
6
14
16
Figure 17. Transfer Slope Distribution, VS = 5 V, Frequency = 100 MHz, 25°C
–111
–109
–107
–105
–103
–101
–99
–97
18
20
22
24
Figure 20. Intercept Distribution, VS = 5 V, Frequency = 100 MHz, 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com