Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8310-EVALZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8310-EVALZ
Description  Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310-EVALZ Datasheet(HTML) 1 Page - Analog Devices

  AD8310-EVALZ Datasheet HTML 1Page - Analog Devices AD8310-EVALZ Datasheet HTML 2Page - Analog Devices AD8310-EVALZ Datasheet HTML 3Page - Analog Devices AD8310-EVALZ Datasheet HTML 4Page - Analog Devices AD8310-EVALZ Datasheet HTML 5Page - Analog Devices AD8310-EVALZ Datasheet HTML 6Page - Analog Devices AD8310-EVALZ Datasheet HTML 7Page - Analog Devices AD8310-EVALZ Datasheet HTML 8Page - Analog Devices AD8310-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Fast, Voltage-Out, DC to 440 MHz,
95 dB Logarithmic Amplifier
AD8310
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Multistage demodulating logarithmic amplifier
Voltage output, rise time <15 ns
High current capacity: 25 mA into grounded RL
95 dB dynamic range: −91 dBV to +4 dBV
Single supply of 2.7 V min at 8 mA typ
DC to 440 MHz operation, ±0.4 dB linearity
Slope of +24 mV/dB, intercept of −108 dBV
Highly stable scaling over temperature
Fully differential dc-coupled signal path
100 ns power-up time, 1 mA sleep current
APPLICATIONS
Conversion of signal level to decibel form
Transmitter antenna power measurement
Receiver signal strength indication (RSSI)
Low cost radar and sonar signal processing
Network and spectrum analyzers
Signal-level determination down to 20 Hz
True-decibel ac mode for multimeters
FUNCTIONAL BLOCK DIAGRAM
+
–
VPOS
INHI
INLO
COMM
3
8mA
1.0k
Ω
BAND GAP REFERENCE
AND BIASING
SIX 14.3dB 900MHz
AMPLIFIER STAGES
NINE DETECTOR CELLS
SPACED 14.3dB
INPUT-OFFSET
COMPENSATION LOOP
2
2
μA
/dB
MIRROR
3k
Ω
3k
Ω
1k
Ω
COMM
COMM
COMM
ENBL
BFIN
VOUT
OFLT
ENABLE
BUFFER
INPUT
OUTPUT
OFFSET
FILTER
AD8310
SUPPLY
+INPUT
–INPUT
COMMON
33pF
8
7
6
5
1
2
3
4
Figure 1.
GENERAL DESCRIPTION
The AD8310 is a complete, dc
to 440 MHz demodulating
logarithmic amplifier (log amp) with a very fast voltage mode
output, capable of driving up to 25 mA into a grounded load in
under 15 ns. It uses the progressive compression (successive
detection) technique to provide a dynamic range of up to 95 dB
to ±3 dB law conformance or 90 dB to a ±1 dB error bound up
to 100 MHz. It is extremely stable and easy to use, requiring no
significant external components. A single-supply voltage of
2.7 V to 5.5 V at 8 mA is needed, corresponding to a power
consumption of only 24 mW at 3 V. A fast-acting CMOS-
compatible enable pin is provided.
Each of the six cascaded amplifier/limiter cells has a small-
signal gain of 14.3 dB, with a −3 dB bandwidth of 900 MHz.
A total of nine detector cells are used to provide a dynamic
range that extends from −91 dBV (where 0 dBV is defined as
the amplitude of a 1 V rms sine wave), an amplitude of about
±40 μV, up to +4 dBV (or ±2.2 V). The demodulated output
is accurately scaled, with a log slope of 24 mV/dB and an
intercept of −108 dBV. The scaling parameters are supply-
and temperature-independent.
The fully differential input offers a moderately high impedance
(1 kΩ in parallel with about 1 pF). A simple network can match
the input to 50 Ω and provide a power sensitivity of −78 dBm to
+17 dBm. The logarithmic linearity is typically within ±0.4 dB
up to 100 MHz over the central portion of the range, but it is
somewhat greater at 440 MHz. There is no minimum frequency
limit; the AD8310 can be used down to low audio frequencies.
Special filtering features are provided to support this wide range.
The output voltage runs from a noise-limited lower boundary of
400 mV to an upper limit within 200 mV of the supply voltage
for light loads. The slope and intercept can be readily altered
using external resistors. The output is tolerant of a wide variety
of load conditions and is stable with capacitive loads of 100 pF.
The AD8310 provides a unique combination of low cost, small
size, low power consumption, high accuracy and stability, high
dynamic range, a frequency range encompassing audio to UHF,
fast response time, and good load-driving capabilities, making
this product useful in numerous applications that require the
reduction of a signal to its decibel equivalent.
The AD8310 is available in the industrial temperature range of
−40°C to +85°C in an 8-lead MSOP package.


Similar Part No. - AD8310-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8310-EVAL AD-AD8310-EVAL Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
More results

Similar Description - AD8310-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD8307 AD-AD8307 Datasheet
394Kb / 20P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV.A
AD8310 AD-AD8310 Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com