Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154-EVALZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADL8154-EVALZ
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154-EVALZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL8154-EVALZ Datasheet HTML 15Page - Analog Devices ADL8154-EVALZ Datasheet HTML 16Page - Analog Devices ADL8154-EVALZ Datasheet HTML 17Page - Analog Devices ADL8154-EVALZ Datasheet HTML 18Page - Analog Devices ADL8154-EVALZ Datasheet HTML 19Page - Analog Devices ADL8154-EVALZ Datasheet HTML 20Page - Analog Devices ADL8154-EVALZ Datasheet HTML 21Page - Analog Devices ADL8154-EVALZ Datasheet HTML 22Page - Analog Devices ADL8154-EVALZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADL8154
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 23
The ADL8154 is a wideband low phase noise amplifier that oper-
ates from 10 MHz to 6 GHz. A simplified block diagram is shown in
Figure 80.
The ADL8154 has DC-coupled, single-ended input and output ports
with impedances that are nominally equal to 50 Ω over the specified
frequency range. No external matching components are required;
other than AC input and output coupling capacitors and a bias
inductor. To adjust ICQ, connect an external resistor between the
RBIAS and VCC1 and VCC2 pins. The VBIAS output voltage
provides a DC bias voltage; it connects to RFIN through a ferrite
bead. The RFOUT/VCC1 pin provides the ICC. Additional collector
biasing is applied through the VCC2 pin.
Figure 80. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com