Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154-EVALZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADL8154-EVALZ
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154-EVALZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL8154-EVALZ Datasheet HTML 15Page - Analog Devices ADL8154-EVALZ Datasheet HTML 16Page - Analog Devices ADL8154-EVALZ Datasheet HTML 17Page - Analog Devices ADL8154-EVALZ Datasheet HTML 18Page - Analog Devices ADL8154-EVALZ Datasheet HTML 19Page - Analog Devices ADL8154-EVALZ Datasheet HTML 20Page - Analog Devices ADL8154-EVALZ Datasheet HTML 21Page - Analog Devices ADL8154-EVALZ Datasheet HTML 22Page - Analog Devices ADL8154-EVALZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Data Sheet
ADL8154
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 23
The basic connections for operating the ADL8154 over the speci-
fied frequency range are shown in Figure 82, and it also shows the
configuration used to characterize and qualify the ADL8154.
To set ICQ, connect a resistor (R1) between the RBIAS and VCC1
and VCC2 pins. A default value of 680 Ω is recommended, which
results in a nominal ICQ of 125 mA. Table 9 shows how the ICQ and
ICQ _AMP varies vs. the RBIAS. The RBIAS pin also draws a current
that varies with the value of RBIAS (see Table 9). Do not leave the
RBIAS pin open.
Figure 83 shows an alternate application circuit for use when there
is a requirement to reduce the number of components around the
ADL8154 to save space. In this alternate application circuit, the
C4 and L2 components are removed, and L1 is changed from a
2.2 kΩ ferrite bead to a 900 nH wire wound inductor (Coilcraft
0402DF-901XJRW). S-parameter performance for the alternate ap-
plication circuit is shown in Figure 81. Compare Figure 81 to Figure
9 and Figure 12 to see that there is no performance impact on
the S-parameters compared to the nominal performance shown in
Figure 9 and Figure 12.
Figure 81. Broadband S-Parameters, L2 and C4 Removed, and L1 Changed
from 2.2 kΩ Ferrite Bead to 900 nH Wire Wound Inductor
Figure 82. Typical Application Circuit
Figure 83. Alternate Application Circuit, C4 and L2 Removed and L1 Changed from 2.2 kΩ Ferrite Bead to 900 nH Wire Wound Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com