Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154ACPZN Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8154ACPZN
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154ACPZN Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8154ACPZN Datasheet HTML 15Page - Analog Devices ADL8154ACPZN Datasheet HTML 16Page - Analog Devices ADL8154ACPZN Datasheet HTML 17Page - Analog Devices ADL8154ACPZN Datasheet HTML 18Page - Analog Devices ADL8154ACPZN Datasheet HTML 19Page - Analog Devices ADL8154ACPZN Datasheet HTML 20Page - Analog Devices ADL8154ACPZN Datasheet HTML 21Page - Analog Devices ADL8154ACPZN Datasheet HTML 22Page - Analog Devices ADL8154ACPZN Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADL8154
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 23
RECOMMENDED BIAS SEQUENCING
The correct sequencing of the DC and RF power is required to
safely operate the ADL8154. During power-up, apply VCC before
the RF power is applied to RFIN, and during power off, remove the
RF power from RFIN before VCC is powered off.
See the ADL8154-EVALZ user guide for the recommended bias
sequencing information.
Table 9. Recommended Bias Resistor Values for
Various ICQ Values, VCC = 5 V
RBIAS (Ω)
ICQ (mA)
ICQ_AMP (mA)
IRBIAS (mA)
1470
85
83.8
1.2
1180
95
93.6
1.4
976
105
103.4
1.6
Table 9. Recommended Bias Resistor Values for
Various ICQ Values, VCC = 5 V (Continued)
RBIAS (Ω)
ICQ (mA)
ICQ_AMP (mA)
IRBIAS (mA)
806
115
113.2
1.8
680
125
123
2
562
135
132.7
2.3
Table 10. Recommended Bias Resistor Values for
Various Supply Voltages, ICQ = 125 mA
RBIAS (Ω)
VCC (V)
102
4.0
365
4.5
680
5
1000
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com