Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8154ACPZN Datasheet(PDF) 22 Page - Analog Devices

Part # ADL8154ACPZN
Description  Low Phase Noise Amplifier, 10 MHz to 6 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8154ACPZN Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL8154ACPZN Datasheet HTML 15Page - Analog Devices ADL8154ACPZN Datasheet HTML 16Page - Analog Devices ADL8154ACPZN Datasheet HTML 17Page - Analog Devices ADL8154ACPZN Datasheet HTML 18Page - Analog Devices ADL8154ACPZN Datasheet HTML 19Page - Analog Devices ADL8154ACPZN Datasheet HTML 20Page - Analog Devices ADL8154ACPZN Datasheet HTML 21Page - Analog Devices ADL8154ACPZN Datasheet HTML 22Page - Analog Devices ADL8154ACPZN Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Data Sheet
ADL8154
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 22 of 23
Figure 84 shows a recommended power management circuit for the
ADL8154. The LT8607 step-down regulator is used to step down a
12 V rail to 6.5 V, which is then applied to the LT3045 low dropout
(LDO) linear regulator to generate a low noise 5 V output. The 5.5
V regulator output (VREG) of the LT8607 is set by the R4A and R5A
resistors, according to the following equation:
R5A= R4AVREG0.778−1
The switching frequency (fSW) is set to 2 MHz by the 18.2 kΩ
resistor (R2A) on the RT pin of the LT8607. The LT8607 data sheet
provides a table of resistor values that can be used to select other
switching frequencies ranging from 0.2 MHz to 2.2 MHz.
The output voltage (VOUT) of the LT3045 is set by the R3B resistor
connected to the SET pin, according to the following equation:
R3B= VOUT100 μA
The resistors on the PGFB pins of LT3045 are chosen to trigger the
power-good (PG) signal when the output reaches 90% of its target
voltage of 5 V. The PG open-collector output is pulled up to the 5 V
output to give a convenient 0 V or 5 V output voltage.
Table 11 provides the recommended resistor values to set the
VOUT of the LT3045 and the PG threshold at 90% for various
VOUT values. Table 11 also provides the required resistor values to
set the VOUT of the LT8607 to 500 mV greater than the VOUT of
the LT3045. Note that the dropout voltage of the LT3045 can be
reduced to a minimum of 350 mA for output currents up to 200 mA.
The LT8607 can source a maximum current of 750 mA, and the
LT3045 can source a maximum current of 500 mA. If the 5 V power
supply voltage is being developed as a bus supply to serve another
component, higher current devices can be used. The LT8608 and
LT8609 step-down regulators can source a maximum current to 1.5
A and 3 A, respectively, and these devices are pin compatible with
the LT8607.
Table 11. Recommended Resistor Values for Operating at 4 V to 5.5 V
LT3045 LDO VOUT and PG Threshold
LT8607 Regulator VOUT
VOUT (V)
R3B (kΩ)
R5B (kΩ)
R6B (kΩ)
Recommended VREG (V)
R4A (MΩ)
R5A (kΩ)
4
40.2
453
41.2
4.5
1
210
4.5
45
453
33.6
5.0
1
184
5
49.9
453
32.4
5.5
1
165
5.5
55
453
29.2
6.0
1
149
Figure 84. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com