Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5906SCPZN-R7
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5906SCPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 18 of 30
TEMPERATURE COMPENSATION INTERFACE
The ADL5906 has a TADJ pin that provides the ability to optimize
temperature performance using proprietary techniques as in the
ADL5902. Just like the ADL5902, the ADL5906 has dual function-
ality on Pin 1, TADJ/PWDN; however, the PWDN function was
redesigned to be driven by CMOS logic as low as 1.8 V. For more
detail on the power-down interface, see the Power-Down Interface
section.
For optimal performance, the output temperature drift must be com-
pensated using the TADJ pin. The absolute value of compensation
varies with frequency and VTGT. For recommended VTADJ values at
popular frequencies, see the Setting VTADJ section.
One difference in the temperature compensation of the ADL5906
compared to the ADL5902 is that VTADJ adjusts the slope of the
detector, and with the ADL5902, the intercept was adjusted. Adjust-
ing the slope was found beneficial to locking in temperature drift
and thereby producing parallel error curves over most frequencies.
Any remaining intercept temperature drift can then be reduced in
the digital domain after sampling VRMS because the intercept drift is
quite repeatable at frequencies up to approximately 5.8 GHz (see
the Using VTEMP to Improve Intercept Temperature Drift section).
There is a trade-off in setting values, and optimizing for one area
of the dynamic range may mean less than optimal drift performance
at other input amplitudes. In addition, different voltages applied
to the VTGT pin impact drift; all TADJ voltages shown in the
performance curves were determined with a VTGT of 0.8 V. For
VTGT values that do not deviate too far from the nominal 0.8 V, and
for frequencies up to approximately 5 GHz, it is expected that the
TADJ voltages are a good starting point for the best temperature
drift compensation.
Compensating the device for temperature drift using VTADJ allows
for great flexibility. If the user requires minimum temperature drift at
a given input power, a subset of the dynamic range, or even over a
different temperature range than shown in this data sheet, the VTADJ
can be swept while monitoring VRMS over the temperature at the
frequency and amplitude of interest. The optimal VTADJ to achieve
minimum temperature drift at a given power and frequency is the
value of VTADJ where the output has minimum movement.
Figure 45. Effect of VTADJ at Various Temperatures, 2.14 GHz, 0 dBm
Varying VTADJ has only a very slight effect on VRMS at device
temperatures near 25°C; however, the compensation circuit has
increasing effect as the temperature departs farther from 25°C.
It is important to note that the slope is adjusted vs. temperature.
The pivot point of this is at low input power levels and thereby
moves the VRMS output more at larger input signal levels; that is,
near maximum input power, the temperature drift can be minimized
the most. This is advantageous in most power measurement cases
because errors at larger powers tend to have more of a negative
effect.
The TADJ/PWDN pin has a nominal input resistance of 70 kΩ and
can be conveniently driven from an external source or from an
attenuated value of VREF using a resistor divider. The resistors
are shown in the evaluation board schematic (see Figure 63). The
voltage range for VTADJ is from 0 V to approximately 1.0 V because
approximately 1.3 V is the logic threshold for power down of the
device.
POWER-DOWN INTERFACE
Figure 46 shows a simplified schematic representation of the TADJ/
PWDN interface.
The quiescent and power-down currents for the ADL5906 at 25°C
are approximately 68 mA and 250 µA, respectively. The dual
function TADJ/PWDN pin is connected to the temperature compen-
sation circuit as well as the power-down circuit. The temperature
compensation circuit responds only to voltages between 0 V and 1
V. When the voltage on this pin is greater than ~1.4 V, the device
is fully powered down. Figure 38 shows this characteristic as a
function of VPWDN. The TADJ/PWDN pin with an internal 70 kΩ
resistor to ground sinks approximately 26 µA at 1.8 V, 47 µA at
3.3 V, and 72 µA at 5 V. The source used to disable the ADL5906
must have a sufficiently high current capability for this reason.
Figure 31 shows the typical response times for various RF input
levels. The output reaches within 1 dB of its steady state value
in approximately 12 µs for CRMS = 1 nF; however, the reference
voltage is available to full accuracy in a much shorter time. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com