Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5906SCPZN-R7
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5906SCPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5906SCPZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 19 of 30
wake-up response varies depending on the input coupling and the
value of CRMS.
Figure 46. TADJ/PWDN Interface Simplified Schematic
VSET INTERFACE
The VSET interface has a high input impedance of 72 kΩ. The
voltage at VSET is converted to an internal current used to set the
internal VGA gain. The VGA attenuation control is approximately 18
dB/V.
Figure 47. VSET Interface Simplified Schematic
OUTPUT INTERFACE
The ADL5906 incorporates rail-to-rail output drivers with pull-up and
pull-down capabilities. The level shift circuitry and the output ampli-
fier are very fast compared to the typical rms response required by
a complex waveform. In essence, the output stage from the CRMS
pin to the VRMS output is only a dc signal because by definition
VRMS is supposed to be a single rms value. The VRMS pin can
source and sink up to 10 mA.
Figure 48. VRMS Interface Simplified Schematic
VTGT INTERFACE
The target voltage can be set with an external source or by con-
necting the VREF pin (nominally 2.3 V) to the VTGT pin through
a resistive voltage divider. With 0.8 V on the VTGT pin, the rms
voltage that must be provided by the VGA to balance the AGC
feedback loop is 0.8 V × 0.05 = 40 mV rms. Most of the characteri-
zation information in this data sheet was collected at VTGT = 0.8 V.
Voltages higher and lower than this can be used; however, doing
so increases or decreases the gain at the internal squaring cell,
which results in a corresponding increase or decrease in intercept.
This, in turn, affects the sensitivity and the usable measurement
range, in addition to the sensitivity to different carrier modulation
schemes. As VTGT decreases, the squaring circuits produce more
noise; this becomes noticeable in the output response at low input
signal amplitudes. As VTGT increases, measurement error due to
modulation increases, and temperature drift tends to decrease. The
chosen VTGT value of 0.8 V represents a compromise between
these characteristics.
Figure 49. VTGT Interface
BASIS FOR ERROR CALCULATIONS
The slope and intercept used in the error plots are calculated using
the coefficients of a linear regression performed on data collected
in its central operating range. The error plots in the Typical Perform-
ance Characteristics section are shown in two formats: error from
the ideal line and error with respect to the 25°C output voltage. The
error from the ideal line is the decibel difference in VRMS from the
ideal straight-line fit of VRMS calculated by the linear regression fit
over the linear range of the detector, typically at 25°C. The error in
decibels is calculated by
Error (dB) = (VRMS − Slope × (PIN − PZ))/Slope
(9)
where PZ is the x-axis intercept expressed in decibels relative to
1 mW (the input amplitude that produces a 0 V output if such an
output were possible).
The error from the ideal line is not a measure of absolute accuracy
because it is calculated using the slope and intercept of each
device. However, it verifies the linearity and the effect of tempera-
ture and modulation on the response of the device. An example
of this type of plot is Figure 9. The slope and intercept that form
the ideal line are those at 25°C with CW modulation. Figure 4,
Figure 5, Figure 7, and Figure 8 show the error with various popular



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com