Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582HDDPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC5582HDDPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582HDDPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC5582HDDPBF Datasheet HTML 9Page - Analog Devices LTC5582HDDPBF Datasheet HTML 10Page - Analog Devices LTC5582HDDPBF Datasheet HTML 11Page - Analog Devices LTC5582HDDPBF Datasheet HTML 12Page - Analog Devices LTC5582HDDPBF Datasheet HTML 13Page - Analog Devices LTC5582HDDPBF Datasheet HTML 14Page - Analog Devices LTC5582HDDPBF Datasheet HTML 15Page - Analog Devices LTC5582HDDPBF Datasheet HTML 16Page - Analog Devices LTC5582HDDPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC5582
13
Rev. D
For more information www.analog.com
For a 50Ω input termination, the approximate RF input
power range of the LTC5582 is from –60dBm to 2dBm,
even with high crest factor signals such as a 4-carrier
W-CDMAwaveform,andtheminimumdetectableRFpower
level varies as the input RF frequency increases. The linear
dynamic range can also be shifted to suit a particular ap-
plication need. By simply inserting an attenuator in front
of the RF input, the power range is shifted higher by the
amount of the attenuation.
The sensitivity of LTC5582 is dictated by the broadband
input noise power that also determines the output DC
offset voltage. When the inputs are terminated differently,
the DC output voltage may vary slightly. When the input
noise power is minimized, the DC offset voltage is also
reduced to the minimum. And the detector’s sensitivity
and dynamic range will be improved accordingly.
External Filtering (FLTR) Capacitor
This pin is internally biased at VCC – 0.43V via a 1.2k
resistor from the voltage supply, VCC. To assure stable
operation of the LTC5582, an external capacitor C3 with
a value of 8nF or higher is required to connect from the
FLTR Pin to VCC to avoid an abnormal start-up condition.
Don’t connect this filtering capacitor to ground or any
other low voltage reference at any time.
This external capacitor value has a dominant effect on the
output transient response. The lower the capacitance, the
faster the output rise and fall times. For signals with AM
content such as W-CDMA, significant ripple can be ob-
served when the loop bandwidth set by C3 is close to the
modulation bandwidth of the signal. A 4-carrier W-CDMA
RF signal is used as an example in this case. The trade-offs
of the residual ripple vs the output transient times are as
shown in Figure 8.
In general, the LTC5582 output ripple remains relatively
constant regardless of the RF input power level for a fixed
C3 and modulation format of the RF signal. Typically, C3
must be selected to smooth out the ripple to achieve the
desired accuracy of RF power measurement.
Output Interface
The output buffer amplifier of the LTC5582 is shown in
Figure 9. This Class AB buffer amplifier can source and
APPLICATIONS INFORMATION
Figure 8. Residual Ripple, Output Transient Times vs
Filtering Capacitor C3
Figure 9. Simplified Schematic of the Output Interface
sink 5mA current to and from the load. The output imped-
ance is determined primarily by the 100Ω series resistor
connected to the output of the buffer amplifier inside the
chip. This will prevent overstress on internal devices in
the event that the output is shorted to ground.
The –3dB small-signal bandwidth of the buffer amplifier is
about 22.4MHz and the full-scale rise/fall time can be as
fast as 80ns, limited by the slew rate of the internal circuit
instead. When the output is resistively terminated or open,
the fastest output transient response is achieved when a
large signal is applied to the RF input. The rise time of the
LTC5582isabout90nsandthefalltimeis5µs,respectively,
for full-scale pulsed RF input power when C3 = 8nF. The
speed of the output transient response is dictated mainly
by the filtering capacitor C3 (at least 8nF) at the FLTR Pin.
See the detailed output transient response in the Typical
Performance Characteristics section. When the RF input
has AM content, residual ripple may be present at the
output depending upon the low frequency content of the
modulated RF signal. This ripple can be reduced with a
100
RSS
OUT
INPUT
VCC
VOUT
CLOAD
5582 F09
LTC5582
FILTERNING CAPACITOR C3 (nF)
0
1000
200
400
600
800
0
500
450
400
350
300
250
200
150
100
50
0
50
45
40
35
30
25
20
15
10
5
5582 F08
RIPPLE
RISE TIME
FALL TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com