Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5582HDDPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTC5582HDDPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582HDDPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC5582HDDPBF Datasheet HTML 10Page - Analog Devices LTC5582HDDPBF Datasheet HTML 11Page - Analog Devices LTC5582HDDPBF Datasheet HTML 12Page - Analog Devices LTC5582HDDPBF Datasheet HTML 13Page - Analog Devices LTC5582HDDPBF Datasheet HTML 14Page - Analog Devices LTC5582HDDPBF Datasheet HTML 15Page - Analog Devices LTC5582HDDPBF Datasheet HTML 16Page - Analog Devices LTC5582HDDPBF Datasheet HTML 17Page - Analog Devices LTC5582HDDPBF Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC5582
18
Rev. D
For more information www.analog.com
 ANALOG DEVICES, INC. 2010–2024
3/24
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
RF Power Detectors
LTC5505
RF Power Detectors with >40dB Dynamic Range
300MHz to 3GHz, Temperature Compensated, 2.7V to 6V Supply
LTC5507
100kHz to 1000MHz RF Power Detector
100kHz to 1GHz, Temperature Compensated, 2.7V to 6V Supply
LTC5508
300MHz to 7GHz RF Power Detector
44dB Dynamic Range, Temperature Compensated, SC70 Package
LTC5509
300MHz to 3GHz RF Power Detector
36dB Dynamic Range, Low Power Consumption, SC70 Package
LTC5530
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Shutdown, Adjustable Gain
LTC5531
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Shutdown, Adjustable Offset
LTC5532
300MHz to 7GHz Precision RF Power Detector
Precision VOUT Offset Control, Adjustable Gain and Offset
LT5534
50MHz to 3GHz Log RF Power Detector with 60dB
Dynamic Range
±1dB Output Variation over Temperature, 38ns Response Time, Log Linear
Response
LTC5536
Precision 600MHz to 7GHz RF Power Detector
with Fast Comparator Output
25ns Response Time, Comparator Reference Input, Latch Enable Input,
–26dBm to +12dBm Input Range
LT5537
Wide Dynamic Range Log RF/IF Detector
Low Frequency to 1GHz, 83dB Log Linear Dynamic Range
LT5538
75dB Dynamic Range 3.8GHz Log RF Power
Detector
±0.8dB Accuracy Over Temperature
LT5570
60dB Dynamic Range RMS Detector
40MHz to 2.7GHz, ±0.5dB Accuracy Over Temperature
LT5581
6GHz RMS Power Detector with 40dB Dynamic
Range
±1dB Accuracy Over Temperature, Log Linear Response, 1.4mA at 3.3V
Infrastructure
LTC5540/LTC5541/
LTC5542/LTC5543
600MHz to 4GHz High Dynamic Range
Downconverting Mixer
IIP3 = 26dBm, 8dB Conversion Gain, <10dB NF, 3.3V, 190mA Supply Operation
LT5579
1.5GHz to 3.8GHz High Linearity Upconverting
Mixer
27.3dBm OIP3 at 2.14GHz, 9.9dB NF, 2.6dB Conversion Gain, –35dBm LO
Leakage
LTC5598
5MHz to 1600MHz High Linearity Direct
Quadrature Modulator
27.7dBm OIP3 at 140MHz, –161.2dBm/Hz Noise Floor, 0.5VDC Baseband
Interface, –55dBm LO Leakage and 50.4dBc Image Rejection at 140MHz
1nF
VCC
IN+
IN–
GND
FLTR
EN
OUT
OUT
RT2
DEC
RT1
100nF
3.3V
RFIN
5582 TA02
LTC5582
1µF
1nF
1
2
3
4
5
10
9
8
7
6
270pF
68
11
EXPOSED PAD
50
ADC
PA
DIGITAL
POWER
CONTROL
DIRECTIONAL
COUPLER
40MHz to 6GHz Infrastructure Power Amplifier Level Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com