Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2931686 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2931686
Description  Pinch valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2931686 Datasheet(HTML) 1 Page - Festo Corporation.

  2931686 Datasheet HTML 1Page - Festo Corporation. 2931686 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pinch valve
VZQA-C-M22U-6-GG-V4V4E-4-EXA
Part number: 2931686
General operating condition
Data sheet
Feature
Value
Structural design
Pinch valve, pneumatically operated
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
G1/4
Nominal width DN
6
Valve function
2/2, open, monostable
Flow direction
Reversible
Medium pressure
0 MPa ... 0.4 MPa
Medium pressure
0 bar ... 4 bar
Medium pressure
0 psi ... 58 psi
Note on the medium pressure
Use in the vacuum range was tested up to -0.09 MPa with the air at room
temperature.Depending on the application, a counter-vacuum may have
to be created on the control side to guarantee the media flow.
Operating pressure
0.1 MPa ... 0.65 MPa
Operating pressure
1 bar ... 6.5 bar
Operating pressure
14.5 psi ... 94.25 psi
Nominal pressure of fitting PN
10
Differential pressure
0.25 MPa
Differential pressure
2.5 bar
Differential pressure
36.25 psi
Burst pressure
1.6 MPa
Burst pressure
16 bar
Burst pressure
232 psi
Overload pressure
0.78 MPa
Overload pressure
7.8 bar
Overload pressure
113.1 psi
Reset method
Rebound resilience
Type of control
Externally controlled
12/5/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 2931686

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2931681 FESTO-2931681 Datasheet
96Kb / 2P
Pinch valve
11/26/21
2931682 FESTO-2931682 Datasheet
94Kb / 2P
Pinch valve
11/26/21
2931684 FESTO-2931684 Datasheet
94Kb / 2P
Pinch valve
11/26/21
2931685 FESTO-2931685 Datasheet
98Kb / 2P
Pinch valve
11/26/21
More results

Similar Description - 2931686

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2931678 FESTO-2931678 Datasheet
94Kb / 2P
Pinch valve
11/26/21
2931679 FESTO-2931679 Datasheet
99Kb / 2P
Pinch valve
11/26/21
2931685 FESTO-2931685 Datasheet
98Kb / 2P
Pinch valve
11/26/21
3022830 FESTO-3022830 Datasheet
98Kb / 2P
Pinch valve
11/26/21
3022831 FESTO-3022831 Datasheet
99Kb / 2P
Pinch valve
11/26/21
3022837 FESTO-3022837 Datasheet
102Kb / 2P
Pinch valve
11/26/21
3412428 FESTO-3412428 Datasheet
96Kb / 2P
Pinch valve
11/26/21
3412430 FESTO-3412430 Datasheet
99Kb / 2P
Pinch valve
11/26/21
3968924 FESTO-3968924 Datasheet
97Kb / 2P
Pinch valve
11/26/21
8091739 FESTO-8091739 Datasheet
96Kb / 2P
Pinch valve
11/26/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com