Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2931686 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 2931686
Description  Pinch valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2931686 Datasheet(HTML) 2 Page - Festo Corporation.

  2931686 Datasheet HTML 1Page - Festo Corporation. 2931686 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Auxiliary pilot air port 12
M5
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:1]
Symbol
00995245
Medium
Compressed air as per ISO 8573-1:2010 [-:-:1]
Water
Max. viscosity
4000 mm²/s
Temperature of medium
-5 °C ... 90 °C
Ambient temperature
-5 °C ... 60 °C
Storage temperature
5 °C ... 20 °C
Flow rate Kv
0.7 m³/h
On switching time
125 ms
Switching time off
125 ms
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364 zone III
Suitability for the production of Li-ion batteries
Metals with more than 1% by mass of copper, zinc or nickel are excluded
from use.The exceptions are nickel in steel, chemically nickel-plated
surfaces, circuit boards, cables, electrical plug connectors and coils
Housing material
High-alloy stainless steel
Material number of housing
1.4404
Housing cover material
High-alloy stainless steel
Seals material
FPM
Shut-off element material
EPDM
Product weight
163 g
Explosion prevention and protection
Zone 0 (ATEX)
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 20 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
For use in the food industry
See supplementary material information
Material of bowl
PPS
12/5/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com