Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304X-BND2-DC-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7304X-BND2-DC-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304X-BND2-DC-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7304X-BND2-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
32 port QSFP+ 40G line card for 10G/40G
- 32 40GbE or 128 10GbE ports with QSFP+ optics and breakout cables
- Choice of Copper, Multimode and Single-mode with 40G and 10G
options
- 1.92Bpps and under 12W per 40G port
48 port SFP+ for 1/10GbE and 4 port 40GbE QSFP+
- 64 10G ports per line card or 48 1/10GbE ports and flexible 10G/40G
- Four QSFP+ ports allow choice of 4 x 40GbE or 16 x 10GbE
- 960Mpps and under 3W per 10G port
48 port 10GBASE-T for 100M/1G/10GbE and 4 port 40GbE QSFP+
- Up to 64 10G ports per line card or
- 48 100/1G/10GbE ports and 4 ports of 10/40G
- Four QSFP+ ports allow choice of 4 x 40GbE or 16 x 10GbE
- 960Mpps and under 5W per 10G port
7300 Series | Platform Overview
7300 Chassis - 8-slot and 4-slot
The Arista 7300 chassis provides room for two supervisor modules, four,
or eight line card modules, multiple power supply modules, and four
fabric modules. The 7304 chassis fits into 8 rack units while the 7308
chassis fits into 13U of a standard data center rack. Supervisor and line
card modules plug in from the front, as do power supply modules, while
the fabric and fan modules are inserted from the rear.
The midplane is completely passive and provides control plane
connectivity to each of the fabric and line card modules. The system is
optimized for data center deployments with front-to-rear and rear to
front airflow options.
Arista 7300X Series Chassis
Line Card Modules
Wire-speed line cards deliver up to 1.92 Billion packets per second of forwarding with a single stage architecture that delivers provides
fair access to all ports. Line cards contains up to 24MB of packet memory that ensures up to 6MB for any single port for lossless
forwarding. Each line card connects to all fabric modules in a non-blocking full mesh and leverages flow based dynamic load balancing
to improve the fabric efficiency by reducing the probability of hash polarization.
The Arista 7300 Series can be populated with any combination of line cards. For environments requiring the highest performance
combined with scalability a range of both copper and fiber options is available addressing dense 1G/10G and 10G/40G with full
support for industry standard connections and comprehensive layer 2 and 3 features for flexible deployment choice.
7300X Architecture
The 7300X Series architecture is designed around an internal clos with line cards and fabric modules fully interconnected to deliver a
low latency fully non-blocking system. Each line card has self contained switch modules and interconnect via the vertical fabric
modules for over 20 Tbps of switching capacity. Dual redundant supervisor modules provide centralized control plane and
management functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com