Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304X-BND2-DC-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7304X-BND2-DC-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304X-BND2-DC-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7304X-BND2-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7304X-BND2-DC-R Datasheet HTML 12Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7300 Series | Technical Speci cations
Chassis
DCS-7308
DCS-7304
Supervisor slots
2
2
Linecard Slots
8
4
Fabric Module Slots
4
4
Power Supply Slots
6
4
Fan Modules
16
8
Physical Dimensions (HxWxD)
22.53” x 17.36” x 23.74”
(57.2 x 44.1 x 60.3cm)
13.86” x 17.36” x 23.74”
(35.2 x 44.1 x 60.3cm)
Rack Space
13RU
8RU
Weight (Chassis only)
110 lbs (49.9 kg)
78 lbs (35.3 kg)
Weight (Fully con gured system)
299 lbs (135.6 kg)
188.4 lbs (85.45 kg)
Maximum 10GbE Port Density
1,024 Ports
512 Ports
Maximum 40GbE Port Density
256 Ports
128 Ports
Maximum Throughput / Packets per Second
20 Tbps / 15 Bpps
10 Tbps / 7.5 Bpps
Maximum Power Consumption
6000W
3000W
Fabric Module
DCS-7308X-FM
DCS-7304X-FM
Redundancy
Graceful Degradation
Graceful Degradation
Physical Dimensions (HxWxD)
17.3” x 3.7” x 11.8”
(43.9 x 9.4 x 30cm)
11.80” x 3.70” x 10.27”
(30x 9.4 x 26.1cm)
Weight
17.3 lbs (7.8 kg)
10.2 lbs (4.6 kg)
Typical Power (Maximum)
195W (343W)
97.5W (172W)
Chassis Support
DCS-7308
DCS-7304
Linecard Module
DCS-7300X-32Q-LC
DCS-7300X-64S-LC
DCS-7300X-64T-LC
Ports
32 QSFP+ (10G/40G)
48 SFP+ & 4 QSFP+
48 10GBASE-T & 4 QSFP+
Max 10GbE
128 (via splitter cables)
64 (16 via splitter cables)
64 (16 via splitter cables)
Max 40GbE
32
4
4
Port Bu er
24MB
12MB
12MB
Weight
10.2 lbs (4.6 kg)
9.6 lbs (4.35kg)
10.2 lbs(4.6kg)
Typical (Maximum) Power *
219W (372W)
166W (232W)
290W (430W)
Physical Dimensions (WxHxD)
11.83” x 17.11” x 1.73”
(30 x 43.5 x 4.4 cm)
Chassis Support
DCS-7316, DCS-7308 and DCS-7304
* Typical power consumption measured at 25C ambient with 50% load on all ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com