Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7358X4-SC-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7358X4-SC-R
Description  7358X4 Series 100/200/400G Data Center Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7358X4-SC-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7358X4-SC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Chassis
DCS-7368-CH
Supervisor slots
1
Linecard Slots
8
Power Supply Slots
4 (N+N Redundant)
Fan Modules
5 (N+1 Redundant)
Size (HxWxD) - excluding
ejectors and handles
7” x 17.4” x 22”
(17.9 x 44.2 x 55.9cm)
Rack Space
4RU
Weight (Chassis only)
30 lbs (13.6 kg)
Weight (Fully con gured system)
85 lbs (38.6 kg)
Typical Power Consumption
821W 1 / 1547W 1
Power Supplies
PWR-1900AC-F/R
PWR-1900-DC-F/R
Reversible Air ow Option
25G/100G Con guration
Fan Tray
FAN-7002H-F/R
EOS Feature Licenses
LIC-FIX-3
Minimum EOS
4.22.0
7358X4 Series | Technical Speci cations
Supervisor Module
DCS-7368-SUP
DCS-7368-SUP-D
CPU
Multi-Core x86
System Memory
32 Gigabytes
10/100/1000 Mgmt Ports
1
1G SFP Mgmt Port (SX, LX)
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
SSD Storage
30GB
256GB
Typical/Max Power Draw*
30W / 48W
30W / 48W
Size (HxWxD)
4.0” x 1.0” x 17.0”
(10.2 x 2.43 x 43.2cm)
Weight
2.5 lbs (1.14kg)
2.5 lbs (1.14kg)
Minimum EOS
4.22.0
Interface Modules
DCS-7368-16S
DCS-7358-16C
DCS-7368-4D
DCS-7368-4P
Ports
16 x SFP28
16 x QSFP28
4 x QSFP-DD
4 x OSFP
Max 400GbE Ports
—
—
4
4
Max 200GbE Ports
—
8
8
8
Max 100GbE Ports
—
16
16
16
Max 25GbE Ports
16
16
—
—
Max 10GbE Ports
16
16
—
—
Typical/Max Power Draw
36 W 2/ 88 W 3
83 W 2 / 140 W 4
72 W 2 / 140 W 5
72 W 2 / 140 W 5
Size (HxWxD)
6.7” x 1.7” x 9.5”
(17 x 4.4 x 24.2cm)
6.7” x 1.7” x 9.5”
(17 x 4.4 x 24.2cm)
6.7” x 1.7” x 9.5”
(17 x 4.4 x 24.2cm)
6.7” x 1.7” x 9.5”
(17 x 4.4 x 24.2cm)
Weight
2.56 lbs (1.16kg)
3.1 lbs (1.41kg)
2.7 lbs (1.23kg)
2.7 lbs (1.23kg)
Chassis Support
DCS-7368-CH
Air ow Option
Front to Rear / Rear to Front
Front to Rear Only
Minimum EOS
4.25.1
4.28.0
4.24.1
4.24.1
1. System con guration: 1 x Sup, 1 x Switch Card, 8 x 16C line cards, 5 x fans, 2 x power supplies
2. Power excluding optics or cables, add power rating for optics to determine typical budget
3. Maximum power measured with 2.5W optics on all ports, adjust as appropriate for lower power optics
4. Maximum power measured with 4.5W optics on all ports, adjust as appropriate for lower power optics
5. Maximum power measured with 20W optics on all ports, adjust as appropriate for lower power optics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com