Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7358X4-SC-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7358X4-SC-R
Description  7358X4 Series 100/200/400G Data Center Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7358X4-SC-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7358X4-SC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7358X4-SC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
7358X4 Series | Platform Overview
Model Overview
The Arista 7358X4 is a high performance system that enables up to 32 ports of 400G, 128 ports of 100G, or up to 128 ports of 25G in a
compact 4RU system with 8 interface module slots. The 7358X4 delivers 12.8 Tbps of system forwarding and up to 5.3 Bpps with a
single high capacity packet processor in a con gurable system. The system is designed for exible con gurations with a choice of
interface module cards, ease of maintenance operations for cloud networks, increased network scale and resilience with advanced
tra c management and congestion control. The system shares many components with the 7368X4 for simple migration and sparing,
including many of the high performance IO modules.
The 7358X4 delivers high performance, with a complete enterprise grade feature set, suited for both leaf or spine deployment in
modern large scale networks, addressing the challenges of increasing network capacity and e ciency through lower power, enhanced
automation and advances in scalability.
The 7358X4 is designed around the 7358X4 switch card (7358X4-SC), that is fully connected to 8 I/O module slots delivering 3.2 Tbps of
system capacity to each slot. The supervisor module runs Arista Extensible Operating System (EOS) on a quad core CPU with 32GB of
memory with the performance to run the control plane and management functions of the system. The removable interface modules
provide for mix and match of interface types and density including 25G, 100G, 200G and 400G with each module supporting a range of
interface speeds using industry standard optics and cables. Each IO module connects directly to the switch card without adding any
oversubscription. All components of the system including the switch card are removable for ease of maintenance and simplifying
upgrades.
The system supports up to 4 high e ciency AC or DC power supplies, providing su cient power for both current and future needs,
with both grid and power supply redundancy and are hot-swappable to eliminate downtime when replacing power supplies. High
performance fan modules deliver resilient data center optimized system cooling in both forward and reverse air ow directions.
The Arista 7358X4 series switches support port to port latency as low as 900ns in cut-through mode, and a 132 MB packet bu er with a
large shared pool allowing for superior burst absorption compared to multi-chip systems or pre-allocated xed per-port bu ering.
DCS-7368-4D QSFP-DD - 4 ports of
400G with QSFP-DD optics and cables
and the use of existing 100G optics
DCS-7368-SUP Supervisor management
card - Quad core CPU and 32GB memory for
high performance control plane, Ethernet and
management ports with optional SSD for
storage.
DCS-7358-16C QSFP100 - 16 ports
of 100G, up to 8 ports of 200G mode
(alternate ports) support on all ports.
Arista 7358X4
System Front
(128 ports of 100G)
System Rear
(Front to Rear Air ow)
DCS-7368-4P OSFP - 4 ports of 400G
with OSFP optics and cables, and the
use of existing 100G optics and cables.
DCS-7368-16S SFP28 - 16 ports of
25G with support for 25G and 10G on
all ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com