Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011H-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7280R3 Series | Features
Network Management
• CloudVision
• Configuration rollback and commit
• 100/1000 Management Port
• RS-232 Serial Console Port
• USB Port
• SNMP v1, v2, v3
• Management over IPv6
• Telnet and SSHv2
• Syslog
• AAA
• Industry Standard CLI
• Beacon LED for system identification
• System Logging
• Environment monitoring
MPLS
• LDP, RSVP-TE, FRR, BGP-LU, BGP-LS
• Bandwidth reservation, auto-bandwidth, split-tunneling
• ISIS-SR, OSPF-SR*, SR-TE, TI-LFA, BGP-SR, BGP-LU for EPE, ISIS
FlexAlgo
• Seamless BFD with Round Trip Time
• Class Based Forwarding
• Flow-Aware Transport (RFC 6391), Entropy label (RFC 6790)
L2/L3 VPN
• IP-VPN (RFC 4364), 6PE, 6vPE, inter-as option A,B&C
• LDP pseudowires (Type-4 & Type-5)
• VPLS with LDP signaling, BGP-AD
• VPLS with BGP signaling*
• Multicast VPN (NG-MVPN) mLDP with default MDT, data MDT*
• EVPN-VXLAN (L2 & L3)
• EVPN-MPLS (L2 & L3)
• EVPN VLAN based & VLAN-aware services
• EVPN Multihoming
• EVPN VPWS & VPWS-FXC with MPLS
• EVPN integrated Routing & Bridging (IRB)
• EVPN E-tree with MPLS
• EVPN L2 multicast, L3 OISM with VXLAN
• EVPN-VXLAN to EVPN-MPLS, EVPN-VXLAN to EVPN-VXLAN,
EVPN-VXLAN to IP-VPN GWs
Extensibility
• Linux Tools
• Bash shell access and scripting
• RPM support
• Custom kernel modules
• Software Defined Networking (SDN)
• OpenStack Neutron Plug-in support
• Programmatic access to system state
• EOS SDK, Python, C++, GO
• Chef, Puppet
• eAPI (HTTP & HTTPS), NETCONF, RESTCONF, GNMI
• OpenConfig yang models, EOS native models
• Native KVM/QEMU support
Ethernet OAM
• Ethernet CFM (UP, DOWN MEPs)
• LM (Loss Measurement), SLM (Synthetic Loss Measurement),
DM (Delay Measurement)
• RFC2544 (Initiator & reflector)
• TWAMP (Two Way Active Measurement Protocol)
• Link Fault signaling
• EOS connectivity monitor
• MPLS ping & trace route, VCCV support
Standards Compliance
• 802.1D Bridging and Spanning Tree
• 802.1p QOS/COS
• 802.1Q VLAN Tagging
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• 802.1AB Link Layer Discovery Protocol
• 802.3ad Link Aggregation with LACP
• 802.3x Flow Control
• 802.3ab 1000BASE-T
• 802.3z Gigabit Ethernet
• 802.3ae 10 Gigabit Ethernet
• 802.3by 25 Gigabit Ethernet
• 802.3ba 40 Gigabit Ethernet
• 802.3ba 100 Gigabit Ethernet
• 802.3bs 400 and 200 Gigabit Ethernet
• 802.3cm 400 Gigabit over multimode fiber
• RFC 2460 Internet Protocol, Version 6 (IPv6)
• RFC 2461 Neighbor Discovery for IP Version 6 (IPv6)
• RFC 2462 IPv6 Stateless Address Autoconfiguration
• RFC 2463 Internet Control Message Protocol (ICMPv6)
• IEEE 1588-2008 Precision Time Protocol
SNMP MIBs
• MIBs available at https://www.arista.com/en/support/
product-documentation/arista-snmp-mibs
OpenConfig paths
• Supported paths available at https://www.arista.com/en/
support/toi/path-support
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com