Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011H-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7011H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
7280R3 Series Data Center Switch Router
Data Sheet
Product Highlights
System Scale and Performance
• 7280PR3 and 7280DR3 Series: 24 x 400G
• 7280CR3 Series: Up to 96 x 100G
• 7280SR3 Series: Up to 48 x 25G, 8 x 100G
• Up to 24 wire-speed 400G ports
• Up to 9.6 terabits per second
• Up to 4 billion packets per second
• Wire speed L2 and L3 forwarding
• OSFP and QSFP-DD: for 10-400G
Cloud Grade Routing
• Secure Internet Peering
• Carrier Edge VPN Services
• Next Generation EVPN Services for 5G/
MEC, CIN, & Metro
• Carrier Core transport (LDP, RSVP-TE, SR-TE)
and HA with FRR and TI-LFA
• Next Generation timing (PTP and SyncE)
• Open programmable APIs (JSON-RPC,
NETCONF) for provisioning, telemetry,
path selection/topology discovery
Data Center Optimized Design
• Ultra-deep packet buffer up to 16GB
• Virtual Output Queues per port to
eliminate head of line blocking
• Over 94% efficient power supplies
• Redundant & hot-swap power and fans
• Front-to-rear cooling
• Designed for NEBS
Virtualization and Provisioning
• CloudVision
• EVPN for next generation DC
• LANZ for microburst detection
• Zero Touch Provisioning (ZTP)
• Accelerated sFlow (RFC3176)
Cloud Networking Ready
• Up to 384K MAC Addresses
• Over 2M IPv4 Unicast Routes
• Over 5M IPv4 Routes with 7280R3K
• Algorithmic ACLs for 100K+ rules
Resilient Control Plane
• High Performance x86 CPU
• Up to 64GB DRAM and 120GB SSD
Arista Extensible Operating System
• Single binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment & Repair
• Full access to Linux shell and tools
• Extensible platform - bash, python, C++
Overview
The Arista 7280R3 Series of fixed systems, including the 7280R3 and the 7280R3K,
are key components of the Arista 7000 Series portfolio of data center switches. The
Arista 7280R3 Series are purpose built 25G, 100G and 400G systems built for the
highest performance environments, and to meet the needs of the largest scale data
centers and service providers They deliver scalable L2 and L3 resources and high
density with advanced features for network monitoring, precision timing and
network virtualization to deliver scalable and deterministic network performance
while simplifying designs and reducing OpEx. The 7280R3 capabilities address the
requirements for modern networking and rich multi-media content delivery
requiring a lossless forwarding solution in a compact and energy efficient form
factor.
The 7280R3 can be deployed in a wide range of open networking solutions
including large scale layer 2 and layer 3 cloud designs, overlay networks, virtualized
or traditional enterprise data center networks. Deep packet buffers and large
routing tables allow for internet peering, interconnect and Inter-DC networking. The
broad range of interfaces and density choice provides deployment flexibility.
The 7280R3 Series are available in a range of models with a choice of 400G, 100G
and 25G that offer up to 24 ports of wire speed 400G in a 1RU system.
7280R3 support for 100G QSFP incorporates a flexible choice of interface speed
including 25G and 50G providing unparalleled flexibility and the ability to
seamlessly transition data centers to the next generation of Ethernet performance.
The 7280R3 Series provide industry leading power efficiency with airflow choices
for back to front, or front to back. An optional built-in SSD supports advanced
logging, data captures and other services directly on the switch. Combined with
Arista EOS the 7280R3 Series delivers advanced features for big data, cloud,
virtualized and traditional designs.
Arista 7280R3 Series
Arista EOS
All Arista products including the 7280R3 Series runs the same Arista EOS software,
binary image simplifying network administration with a single standard across all
switches. Arista EOS is a modular switch operating system with a unique state
sharing architecture that cleanly separates switch state from protocol processing
and application logic. Built on top of a standard Linux kernel, all EOS processes run
in their own protected memory space and exchange state through an in-memory
database. This multi-process state sharing architecture provides the foundation for
in-service-software updates and self-healing resiliency together with stateful
switchover without the loss of data plane forwarding.
Arista EOS enables advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, VM Tracer and Linux based tools to be run natively on the
switch.


Similar Part No. - FAN-7011H-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
4Mb / 14P
7050X4 Series 100/200/400G Data Center Switches
Oct 21st, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
3Mb / 14P
7060X5 Series 400/800G Data Center Switches
Oct 21st, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
375Kb / 11P
7130LBR Series Layer 1 Application Switch
March 25th, 2023
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
621Kb / 10P
7135LB Series Layer 1 FPGA Switch
Aug 12th, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
1Mb / 26P
7280R3A Series Data Center Switch Router
October 28th, 2024
More results

Similar Description - FAN-7011H-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2575A-05GXT SUYIN-USA-2575A-05GXT Datasheet
81Kb / 1P
USB A SERIES WITH SWITCH CENTER HEIGHT 1.74mm
logo
Cherry Semiconductor Co...
NM02 CHERRY-NM02 Datasheet
445Kb / 2P
center-off switch
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com