Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7280CR3AM-72-R Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # DCS-7280CR3AM-72-R
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280CR3AM-72-R Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button DCS-7280CR3AM-72-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 17Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
7280R3A Series | Technical Specifications
Model Comparison
7280CR3A-72
7280CR3AM-72
7280CR3AK-72
Ports
72 x QSFP100
72 x QSFP100
72 x QSFP100
Max 400G Ports 1
—
—
—
Max 100G Ports 1
72
72
72
Max 50G-2 Ports 1
102
102
102
Max 40G Ports (using QSFP+)1
72
72
72
Max 25/10G Ports 1
102
102
102
Encryption
—
All Ports
All Ports
Max Total Interfaces 2
116
116
116
Throughput (FDX)
7.2 (14.4) Tbps
7.2 (14.4) Tbps
7.2 (14.4) Tbps
Packets/Second
2.7 Bpps
2.7 Bpps
2.7 Bpps
Latency
From 3.8 us
From 3.8 us
From 3.8 us
CPU
Eight-Core x86
Eight-Core x86
Eight-Core x86
System Memory
64 Gigabytes
64 Gigabytes
64 Gigabytes
Packet Buffer Memory
8 GB
8 GB
8 GB
Synchronous Ethernet
Inband + PPS/10M/ToD
OSFP-LS Ports
—
USB Ports
1
SSD Storage
120 GB
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
Airflow Direction
Front to Rear and Rear to Front
Rack Units
2 U
Size (WxHxD) inc. handles
17.3 x 3.46 x 27.04 in
(43.99 x 8.79 x 68.69 cm)
Typical/Max Power Draw 3
406 W / 754 W
Weight
49.4 lbs (22.41 kg)
Fan Tray
FAN-7012H
Power Supplies
PWR-1512-AC or PWR-1511-DC
Accelerated sFlow
Yes
EOS Feature Licenses
Group 4
Minimum EOS
4.31.2
1. Maximum port values are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities. Detailed information can be found here.
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain configurations may impose restrictions on which physical ports can be used
3. Typical power consumption measured at 25C ambient with 50% load on all ports, excludes transceivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com