Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7280CR3AM-72-R Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # DCS-7280CR3AM-72-R
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280CR3AM-72-R Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button DCS-7280CR3AM-72-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 18Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 19Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 20Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 21Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 22Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 23Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 24Page - Arista Networks, Inc DCS-7280CR3AM-72-R Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
7280R3A Series | Ordering Information
7280CR3A-48D6
Product Description
DCS-7280CR3A-48D6-F
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, front to rear air, 2 x AC
DCS-7280CR3A-48D6-R
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, rear to front air, 2 x AC
DCS-7280CR3A-48D6#
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, configurable fans and psu
DCS-7280CR3AM-48D6-F
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, TunnelSec, front to rear air, 2 x AC
DCS-7280CR3AM-48D6-R
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, TunnelSec, rear to front air, 2 x AC
DCS-7280CR3AM-48D6#
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, TunnelSec, configurable fans and psu
DCS-7280CR3AK-48D6-F
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, large routes and TunnelSec, front to rear
air, 2 x AC
DCS-7280CR3AK-48D6-R
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, large routes and TunnelSec, rear to front
air, 2 x AC
DCS-7280CR3AK-48D6#
Arista 7280R3A, 48x100GbE QSFP and 6x400GbE QSFP-DD switch router, large routes and TunnelSec, configurable
fans and psu
PWR-1512-AC-RED
Arista PSU, 1RU, AC/DC, 1500W, FORWARD, 73.5MM
PWR-1512-AC-BLUE
Arista PSU, 1RU, AC/DC, 1500W, REVERSE, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, DC/DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-BLUE
Arista PSU, 1RU, DC/DC, 1500W, REVERSE, 73.5MM
FAN-7012H-RED
Spare fan module for Arista 7000 Series 2RU High Speed Fan (front-to-rear airflow)
FAN-7012H-BLUE
Spare fan module for Arista 7000 Series 2RU High Speed Fan (rear-to-front airflow)
KIT-7201
Spare tool-free accessory kit (v2) for Arista 2RU switches. 4-post mount. (2x C13-C14, 2m)
KIT-7004-2UL
Spare extended tool-free 4-post mount kit (v2) for 2-4RU Arista tool-free switches
CAB-SYNCE-RJ
Spare Time of Day adapter cable (USB-C to 2 x RJ-45)
Note:
- For the complete contents of each accessory kit, please use the lookup tool here: https://www.arista.com/en/support/product-documentation/accessory-kit-lookup
- Front-to-rear means the air flows from the switch port side to the fan side. Rear to front means the air flows from the fan side to the switch port side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com