Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC366M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC366M
Description  High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC366M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC366M Datasheet HTML 1Page - Texas Instruments CD74HC366M Datasheet HTML 2Page - Texas Instruments CD74HC366M Datasheet HTML 3Page - Texas Instruments CD74HC366M Datasheet HTML 4Page - Texas Instruments CD74HC366M Datasheet HTML 5Page - Texas Instruments CD74HC366M Datasheet HTML 6Page - Texas Instruments CD74HC366M Datasheet HTML 7Page - Texas Instruments CD74HC366M Datasheet HTML 8Page - Texas Instruments CD74HC366M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS180C
Features
• Buffered Inputs
• High Current Bus Driver Outputs
• Typical Propagation Delay tPLH,tPHL = 8ns at VCC =5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC365, ’HCT365, and ’HC366 silicon gate CMOS three-
state buffers are general purpose high-speed non-inverting
and inverting buffers. They have high drive current outputs
which enable high speed operation even when driving large
bus capacitances. These circuits possess the low power
dissipation of CMOS circuitry, yet have speeds comparable to
low power Schottky TTL circuits. Both circuits are capable of
driving up to 15 low power Schottky inputs.
The ’HC365 and ’HCT365 are non-inverting buffers, whereas
the ’HC366 is an inverting buffer. These devices have two
three-state control inputs (OE1 and OE2) which are NORed
together to control all six gates.
The ’HCT365 logic families are speed, function and pin
compatible with the standard LS logic family.
Pinout
CD54HC365, CD54HCT365, CD54HC366
(CERDIP)
CD74HC365, CD74HCT365, CD74HC366
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC365F3A
-55 to 125
16 Ld CERDIP
CD54HC366F3A
-55 to 125
16 Ld CERDIP
CD54HCT365F3A
-55 to 125
16 Ld CERDIP
CD74HC365E
-55 to 125
16 Ld PDIP
CD74HC365M
-55 to 125
16 Ld SOIC
CD74HC365MT
-55 to 125
16 Ld SOIC
CD74HC365M96
-55 to 125
16 Ld SOIC
CD74HC366E
-55 to 125
16 Ld PDIP
CD74HC366M
-55 to 125
16 Ld SOIC
CD74HC366M96
-55 to 125
16 Ld SOIC
CD74HCT365E
-55 to 125
16 Ld PDIP
CD74HCT365M
-55 to 125
16 Ld SOIC
CD74HCT365MT
-55 to 125
16 Ld SOIC
CD74HCT365M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and real. The suffix T denotes a small-quantity reel of
250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
(1Y) 1Y
2A
(2Y) 2Y
3A
GND
(3Y) 3Y
VCC
6A
6Y (6Y)
5A
5Y (5Y)
4A
4Y (4Y)
OE2
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54/74HC365, CD54/74HCT365,
CD54/74HC366
High Speed CMOS Logic Hex Buffer/Line Driver,
Three-State Non-Inverting and Inverting
[ /Title
(CD74
HC365
,
CD74
HCT36
5,
CD74
HC366
,
CD74
HCT36
6)
/Sub-
ject
(High
Speed


Similar Part No. - CD74HC366M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC366M TI-CD74HC366M Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366M TI-CD74HC366M Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366M TI2-CD74HC366M Datasheet
914Kb / 20P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
REVISED JULY 2022
CD74HC366M96 TI-CD74HC366M96 Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366M96 TI-CD74HC366M96 Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
More results

Similar Description - CD74HC366M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC365 TI-CD74HC365 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367 TI-CD74HC367 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HCT367 TI-CD54HCT367 Datasheet
270Kb / 11P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366 TI-CD74HC366 Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC367 TI-CD54HC367_07 Datasheet
430Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
460Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
570Kb / 17P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365_08 Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366-Q1 TI1-CD74HC366-Q1 Datasheet
549Kb / 12P
HIGH-SPEED CMOS LOGIC HEX BUFFER/LINE DRIVER, THREE-STATE NON-INVERTING AND INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com