Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC366M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC366M
Description  High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC366M Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC366M Datasheet HTML 1Page - Texas Instruments CD74HC366M Datasheet HTML 2Page - Texas Instruments CD74HC366M Datasheet HTML 3Page - Texas Instruments CD74HC366M Datasheet HTML 4Page - Texas Instruments CD74HC366M Datasheet HTML 5Page - Texas Instruments CD74HC366M Datasheet HTML 6Page - Texas Instruments CD74HC366M Datasheet HTML 7Page - Texas Instruments CD74HC366M Datasheet HTML 8Page - Texas Instruments CD74HC366M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Logic Diagram
NOTE: Inverter not included in HC/HCT365.
FIGURE 1. LOGIC DIAGRAM FOR THE HC/HCT365 AND HC366 (OUTPUTS FOR HC/HCT365 ARE COMPLEMENTS OF THOSE
SHOWN, i.e., 1Y, 2Y, ETC.)
4
2A
2Y
5
6
3A
3Y
7
10
4A
4Y
9
12
5A
5Y
11
14
6A
6Y
13
OE1
1
15
OE2
ONE OF SIX IDENTICAL CIRCUITS
VCC
3
1Y
GND
8
(NOTE)
2
1A
16
CD54/74HC365, CD54/74HCT365, CD54/74HC366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com