Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATRD-R-0004 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ATRD-R-0004
Description  Multi-layer Chip Triplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATRD-R-0004 Datasheet(HTML) 1 Page - Abracon Corporation

  ATRD-R-0004 Datasheet HTML 1Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 2Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 3Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 4Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 5Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 6Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 7Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 8Page - Abracon Corporation ATRD-R-0004 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-19-24
For terms and conditions of sales, please visit:
www.abracon.com
Multi-layer Chip Triplexer
ATRD-R-0004
2.50 x 2.00 x 0.90 mm
RoHS Compliant
Request Samples
Check Inventory
Product Image
• LTCC Triplexer supporting 698 ~960/ 1452~2170 /
2496~5850 MHz
• Small Form Factor 2.50 x 2.0 x 0.90 mm
• Low Insertion Loss 0.7 dB
• RoHS Compliant
• Cellular- LTE device
• Wi-Fi - 802.11a/b/g/ac
• Video Streaming and Network Cameras
• VR Head Mount Displays
• Car Infotainment Systems
• Broadband Gateways
Applications
Features


Similar Part No. - ATRD-R-0004

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATRD-R-0003 ABRACON-ATRD-R-0003 Datasheet
744Kb / 12P
Multi-layer Chip Triplexer
02-19-24
ATRD-R-0003T ABRACON-ATRD-R-0003T Datasheet
744Kb / 12P
Multi-layer Chip Triplexer
02-19-24
More results

Similar Description - ATRD-R-0004

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTMCA9520 CT-CTMCA9520 Datasheet
310Kb / 3P
Multi-layer Chip Antennas
logo
Fair-Rite Products Corp...
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
MULTI-LAYER CHIP BEAD
2506030707H0 FAIR-RITE-2506030707H0 Datasheet
277Kb / 3P
MULTI-LAYER CHIP BEAD
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
290Kb / 3P
MULTI-LAYER CHIP BEAD
2508059007Y0 FAIR-RITE-2508059007Y0 Datasheet
294Kb / 3P
MULTI-LAYER CHIP BEAD
2512061527Y0 FAIR-RITE-2512061527Y0 Datasheet
301Kb / 3P
MULTI-LAYER CHIP BEAD
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com