Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F104AJS Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 4Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 5Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 6Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 7Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 8Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 9Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 10Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 11Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
MB95100AM Series
8
■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS
• Notes on Using Evaluation Products
The Evaluation product has not only the functions of the MB95100AM series but also those of other products
to support software development for multiple series and models of the F2MC-8FX family. The I/O addresses for
peripheral resources not used by the MB95100AM series are therefore access-barred. Read/write access to
these access-barred addresses may cause peripheral resources supposed to be unused to operate, resulting
in unexpected malfunctions of hardware or software.
Particularly, do not use word access to odd numbered byte address in the prohibited areas (If these access are
used, the address may be read or write unexpectedly) .
Also, as the read values of prohibited addresses on the evaluation product are different to the values on the
flash memory and MASK ROM products, do not use these values in the program.
The Evaluation product do not support the functions of some bits in single-byte registers. Read/write access to
these bits does not cause hardware malfunctions. Since the Evaluation, Flash memory, and MASK ROM products
are designed to behave completely the same way in terms of hardware and software.
• Difference of Memory Spaces
If the amount of memory on the Evaluation product is different from that of the Flash memory or MASK ROM
product, carefully check the difference in the amount of memory from the model to be actually used when
developing software.
For details of memory space, refer to “
■ CPU CORE”.
• Current Consumption
The current consumption of Flash memory product is typically greater than for MASK ROM product.
For details of current consumption, refer to “
■ ELECTRICAL CHARACTERISTICS”.
• Package
For details of information on each package, refer to “
■ PACKAGES AND CORRESPONDING PRODUCTS” and
“
■ PACKAGE DIMENSIONS”.
• Operating Voltage
The operating voltage are different among the Evaluation, Flash memory, and MASK ROM products.
For details of operating voltage, refer to “
■ ELECTRICAL CHARACTERISTICS”.
• Difference between RST and MOD Pins
The RST and MOD pins are hysteresis inputs on the MASK ROM product. A pull-down resistor is provided for
the MOD pin of the MASK ROM product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com