Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F104AJS Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 23Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 24Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 25Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 26Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 27Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 28Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 29Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 30Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
MB95100AM Series
27
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
002BH
DDRG
Port G direction register
R/W
00000000B
002CH
⎯
(Disabled)
⎯⎯
002DH
PUL1
Port 1 pull-up register
R/W
00000000B
002EH
PUL2
Port 2 pull-up register
R/W
00000000B
002FH
PUL3
Port 3 pull-up register
R/W
00000000B
0030H
PUL4
Port 4 pull-up register
R/W
00000000B
0031H
PUL5
Port 5 pull-up register
R/W
00000000B
0032H
PUL7
Port 7 pull-up register
R/W
00000000B
0033H
⎯
(Disabled)
⎯⎯
0034H
PULE
Port E pull-up register
R/W
00000000B
0035H
PULG
Port G pull-up register
R/W
00000000B
0036H
T01CR1
8/16-bit compound timer 01 control status register 1 ch.0
R/W
00000000B
0037H
T00CR1
8/16-bit compound timer 00 control status register 1 ch.0
R/W
00000000B
0038H
T11CR1
8/16-bit compound timer 11 control status register 1 ch.1
R/W
00000000B
0039H
T10CR1
8/16-bit compound timer 10 control status register 1 ch.1
R/W
00000000B
003AH
PC01
8/16-bit PPG1 control register ch.0
R/W
00000000B
003BH
PC00
8/16-bit PPG0 control register ch.0
R/W
00000000B
003CH
PC11
8/16-bit PPG1 control register ch.1
R/W
00000000B
003DH
PC10
8/16-bit PPG0 control register ch.1
R/W
00000000B
003EH
TMCSRH0
16-bit reload timer control status register (Upper byte) ch.0
R/W
00000000B
003FH
TMCSRL0
16-bit reload timer control status register (Lower byte) ch.0
R/W
00000000B
0040H,
0041H
⎯
(Disabled)
⎯⎯
0042H
PCNTH0
16-bit PPG status control register (Upper byte) ch.0
R/W
00000000B
0043H
PCNTL0
16-bit PPG status control register (Lower byte) ch.0
R/W
00000000B
0044H
PCNTH1
16-bit PPG status control register (Upper byte) ch.1
R/W
00000000B
0045H
PCNTL1
16-bit PPG status control register (Lower byte) ch.1
R/W
00000000B
0046H,
0047H
⎯
(Disabled)
⎯⎯
0048H
EIC00
External interrupt circuit control register ch.0/ch.1
R/W
00000000B
0049H
EIC10
External interrupt circuit control register ch.2/ch.3
R/W
00000000B
004AH
EIC20
External interrupt circuit control register ch.4/ch.5
R/W
00000000B
004BH
EIC30
External interrupt circuit control register ch.6/ch.7
R/W
00000000B
004CH
EIC01
External interrupt circuit control register ch.8/ch.9
R/W
00000000B
004DH
EIC11
External interrupt circuit control register ch.10/ch.11
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com